Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SCM2000MKF Datasheet(PDF) 6 Page - Sanken electric

No. de pieza SCM2000MKF
Descripción Electrónicos  600 V, 20 A to 30 A 3-phase Brushless Motor Driver ICs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM2000MKF Datasheet(HTML) 6 Page - Sanken electric

Back Button SCM2000MKF Datasheet HTML 2Page - Sanken electric SCM2000MKF Datasheet HTML 3Page - Sanken electric SCM2000MKF Datasheet HTML 4Page - Sanken electric SCM2000MKF Datasheet HTML 5Page - Sanken electric SCM2000MKF Datasheet HTML 6Page - Sanken electric SCM2000MKF Datasheet HTML 7Page - Sanken electric SCM2000MKF Datasheet HTML 8Page - Sanken electric SCM2000MKF Datasheet HTML 9Page - Sanken electric SCM2000MKF Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
SCM2000MKF Series
SCM2000MKF-DSE Rev.1.0
SANKEN ELECTRIC CO., LTD
6
Nov. 12, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2018
3.
Electrical Characteristics
Current polarities are defined as follows: current going into the IC (sinking) is positive current (+); current coming
out of the IC (sourcing) is negative current (−).
Unless specifically noted, TA = 25 °C, VCC = 15 V, COM1 = COM2 = COM.
3.1.
Characteristics of Control Parts
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Remarks
Power Supply Operation
Logic Operation Start
Voltage
VCC(ON)
VCCx–COM
9.5
10.5
11.5
V
VBS(ON)
VBx–HSx
9.5
10.5
11.5
V
Logic Operation Stop
Voltage
VCC(OFF)
VCCx–COM
9
10
11
V
VBS(OFF)
VBx–HSx
9
10
11
V
Logic Supply Current
ICC
VCC1 = VCC2
2.85
mA
Total sink current
of the VCC1 and
VCC2 pins.
IBS
VBx–HSx = 15 V,
HINx = 5 V; VBx pin
current in 1-phase operation
140
μA
Input Signal
High Level Input Threshold
Voltage (HINx, LINx, FO,
SELECT)
VIH
1.5
2.0
2.5
V
Low Level Input Threshold
Voltage (HINx, LINx, FO,
SELECT)
VIL
1.0
1.5
2.0
V
High Level Input Current
(HINx, LINx)
IIH
VIN = 5 V
230
500
μA
Low Level Input Current
(HINx, LINx)
IIL
VIN = 0 V
2
μA
Fault Signal Output
FO Pin Voltage at Fault
Signal Output
VFOL
VFO = 5 V, RFO = 10 kΩ
0.5
V
FO Pin Voltage in Normal
Operation
VFOH
VFO = 5 V, RFO = 10 kΩ
4.8
V
Protection
OCP Threshold Voltage
VTRIP
0.475
0.500
0.525
V
OCP Hold Time 1
tP1
VSELECT = 5 V
20
34
μs
OCP Hold Time 2
tP2
VSELECT = 0 V
5
8
ms
OCP Blanking Time
tBK
VTRIP = 1 V
0.5
μs
SD Pin OVP Operating
Voltage
VSDH
1.86
1.90
1.94
V
SD Pin OVP Release
Voltage
VSDL
1.78
V
SD Pin Input Current
ISD
VSD = 5 V
16.6
36.0
μA
SD Pin Filtering Time
tSD
2.0
μs
OVP Hold Time
tP_SD
20
31
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com