Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RB5P0050M Datasheet(PDF) 2 Page - Sharp Corporation

No. de pieza RB5P0050M
Descripción Electrónicos  Video Interface ICs for TFT-LCDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARP [Sharp Corporation]
Página de inicio  http://sharp-world.com/
Logo SHARP - Sharp Corporation

RB5P0050M Datasheet(HTML) 2 Page - Sharp Corporation

  RB5P0050M Datasheet HTML 1Page - Sharp Corporation RB5P0050M Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Video Interface ICs for TFT-LCDs
< Product Line-up of Video Interface ICs for TFT-LCDs >
< Input Signal/ Adaptive LCD Panel >
Input signal
Model No.
Composite
video
Y/C
Analog
RGB
Color
decode
Serial
data
control
Supply
voltage
(V)
Power
consumption
(mW)TYP.
Package
IR3Y29AM/
IR3Y29BM
O
O
O
-
5/7.5
190
P-QFP048-0707
RB5P006AM
O
O
O
O
3/5/13
120
P-QFP048-1010
* RB5P0070M
O
O
O
NTSC
/PAL
O
3/7
330
P-QFP072-1010
Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Manufacturing locations are also subject to change without notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any SHARP devices shown in
catalogs, data books, etc.
The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design
or license any intellectual property right. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of
SHARP devices.
SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structures and other contents described herein at any time without notice in
order to improve design or reliability.
SHARP CORPORATION
INTEGRATED CIRCUITS GROUP
STRATEGIC MARKETING CENTER
2613-1, ICHINOMOTO-CHO, TENRI, NARA 632-8765, JAPAN
PHONE: +81-743-65-3481(DIAL IN)
The contents of this catalog are valid as of February 12, 2002.
IC-E080-1
* Under development
Input signal
Composite video
Y/C
Analog RGB
Y/color
difference
Polysilicon
TFT-LCD Panel
Amorphus silicon
TFT-LCD Panel
IR3Y18
IR3Y31M
RB5P0010M
IR3Y34M/35M
IR3Y29BM (Serial
I/F
No)
RB5P006AM (Serial
I/F Yes)
RB5P0050M
(Serial
I/F yes)
RB5P0020M (Serial
I/F
No)
RB5P0070M (Serial
I/F
Yes)



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com