| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ALPHA2 Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
ALPHA2 Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor |
|
13 / 19 page ![]() ALPHA2 QUICK START MANUAL 13 2. Select “Compatibility” tab, and then click “Show settings for all users” button. “Vls Properties” dialog box appears. NOTE: “User Account Control” dialog box appears when user account control is enabled. Click “Continue“ button. 3. Click “Run this program as an administrator” check-box to add check mark, and then click “OK” button. “Vls Properties” dialog box closes. 4. Click “OK” button to complete setting. “Alpha programming Properties” dialog box closes. 8.5 USING THE HELP FILES IN AL-PCS The AL-PCS includes a powerful package of help files to guide the user through the programming options. Use the F1 key, or click the help icon, or use the Help pull down menu to access the help files. NOTE: When using Windows Vista® and Windows® 7 When Help is run using Windows Vista® and Windows® 7, the following “Windows Help and Support” screen may appear, and the Help screen is not displayed. Perform the following procedure to install “WinHlp32.exe” which is needed to display the Help screen. ( NOTE: The personal computer needs to be connected to the internet.) 1. Click the Help button. 2. The screen shown below opens. Click the displayed link. 3. The Microsoft Support Knowledge Base page opens. (http://support.microsoft.com/kb/917607/en-us) Follow the instructions and download the Windows Help program for Windows Vista® and Windows® 7 (WinHlp32.exe). 4. Install the downloaded file. n THE F1 KEY The F1 key will provide specific help on a highlighted object. Click a system component on the FBD base to highlight it and press the F1 Key to bring up a dialog screen. To receive Help on a command, move to the command with the mouse until the instruction is highlighted. Use F1 to access the Help dialog box before using the command. Mitsubishi Electric Automation, Inc. |