Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

98ASH00962A Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 98ASH00962A
Descripción Electrónicos  MC9S08PA60A and MC9S08PA32A are recommended for new design
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH00962A Datasheet(HTML) 2 Page - NXP Semiconductors

  98ASH00962A Datasheet HTML 1Page - NXP Semiconductors 98ASH00962A Datasheet HTML 2Page - NXP Semiconductors 98ASH00962A Datasheet HTML 3Page - NXP Semiconductors 98ASH00962A Datasheet HTML 4Page - NXP Semiconductors 98ASH00962A Datasheet HTML 5Page - NXP Semiconductors 98ASH00962A Datasheet HTML 6Page - NXP Semiconductors 98ASH00962A Datasheet HTML 7Page - NXP Semiconductors 98ASH00962A Datasheet HTML 8Page - NXP Semiconductors 98ASH00962A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
• Input/Output
– Up to 57 GPIOs including one output-only pin
– Two 8-bit keyboard interrupt modules (KBI)
– Two true open-drain output pins
– Eight, ultra-high current sink pins supporting 20 mA source/sink current
• Package options
– 64-pin LQFP; 64-pin QFP
– 48-pin LQFP
– 44-pin LQFP
– 32-pin LQFP
MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019
2
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41