Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HM233C Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM233C
Descripción Electrónicos  Single touch single output IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM233C Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM233C Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233C Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
/ 9
规格书
8. SOT23-6封装
4 SOT23-6 封装图
4 SOT23-6 封装尺寸
Unit:
mm
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
-
-
1.25
e
0.90
0.95
1.00
A1
0
-
0.15
e1
1.80
1.90
2.00
A2
1.00
1.10
1.20
L
0.35
0.45
0.60
A3
0.60
0.65
0.70
L1
0.59RET
b
0.36
-
0.50
L2
0.25BSC
b1
0.36
0.38
0.45
R
0.10
-
-
c
0.14
-
0.20
R1
0.10
-
0.20
c1
0.14
0.15
0.16
θ
0
-
D
2.826
2.926
3.026
θ1
E
2.60
2.80
3.00
θ2
-
14°
E1
1.526
1.626
1.726
HM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com