Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HM3135 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

No. de pieza HM3135
Descripción Electrónicos  DC-DC CONVERTER CONTROL CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Página de inicio  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3135 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3135 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3135 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vdd
Power Supply Voltage
26
V
Vir
Comparator Input Voltage Range
-0.3 to 20
V
Vdra
Switch Drain Voltage
200
V
Vsor
Switch Source Voltage
200
V
Vds
Switch Drain to source Voltage
200
V
Vdg
Driver Drain Voltage
200
V
Ids
Driver Drain Current
300
mA
ISW
Switch Current
0.5
A
Ptot
Power Dissipation at Tamb =25 oC (for DIP Package)
(for
SOIC Package)
1.25
0.625
W
Top
Operating Ambient Temperature Range (for
AC SERIES)
(for
AB SERIES)
-40 to 145
o C
Tstg
Storage Temperature Range
- 40 to 150
o C
Absolute Maximum Rating are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Recommended Operation Conditions (Note 2)
Parameter
Value
Unit
Supply Voltage, DRAIN
20 to 200
V
Operating Junction Temperature
-40 to 150
oC
DC-DC CONVERTER CONTROL CIRCUITS
HM3135
Data Sheet
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com