Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LBTP180D3T1G Datasheet(PDF) 2 Page - Leshan Radio Company

No. de pieza LBTP180D3T1G
Descripción Electrónicos  PNP Silicon
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBTP180D3T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBTP180D3T1G Datasheet HTML 1Page - Leshan Radio Company LBTP180D3T1G Datasheet HTML 2Page - Leshan Radio Company LBTP180D3T1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
LESHAN RADIO COMPANY, LTD.
LBTP180D3T1G,S-LBTP180D3T1G
Rev.A 2/3
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current IE = 0; VCB = -30 V
-100
nA
IEBO
emitter-base cut-off current
IC = 0; VEB = -5 V
-100
nA
hFE
DC current gain
IC = -5 mA; VCE = -2 V
63
IC = -150 mA; VCE = -2 V
63
IC = -500 mA; VCE = -2 V
40
VCEsat
collector-emitter saturation
voltage
IC = -500 mA; IB = -50 mA
-500
mV
VBEon
base-emitter turn on voltage
IC = -500 mA; VCE = -2 V
-1
V
Cc
collector capacitance
IE = Ie = 0; VCB = -10 V; f = 1 MHz
6(typ.)
pF
fT
transition frequency
IC = -50mA; VCE = -5V; f = 100 MHz
100
MHz
ICEO
emitter-base cut-off current
IB = 0; VCE = -80 V
-5
uA
250
Nov.,2018



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com