Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

C13353 Datasheet(PDF) 3 Page - Ledil, Inc.

No. de pieza C13353
Descripción Electrónicos  횠21.1 mm mini reflector with ~40째 wide beam
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13353 Datasheet(HTML) 3 Page - Ledil, Inc.

  C13353 Datasheet HTML 1Page - Ledil, Inc. C13353 Datasheet HTML 2Page - Ledil, Inc. C13353 Datasheet HTML 3Page - Ledil, Inc. C13353 Datasheet HTML 4Page - Ledil, Inc. C13353 Datasheet HTML 5Page - Ledil, Inc. C13353 Datasheet HTML 6Page - Ledil, Inc. C13353 Datasheet HTML 7Page - Ledil, Inc. C13353 Datasheet HTML 8Page - Ledil, Inc. C13353 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PRODUCT
DATASHEET
C13353_LEILA-R-CLIP16
PHOTOMETRIC DATA (MEASURED):
LED
XB-D
FWHM
73.0°
Efficiency
92 %
Peak intensity
0.7 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
XM-L
FWHM
77.0°
Efficiency
90 %
Peak intensity
0.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
XM-L2
FWHM
79.0°
Efficiency
92 %
Peak intensity
0.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
LED
XP-G2
FWHM
77.0°
Efficiency
92 %
Peak intensity
0.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Last update: 11/04/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com