Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

C12469 Datasheet(PDF) 10 Page - Ledil, Inc.

No. de pieza C12469
Descripción Electrónicos  White mini reflector with ~80째 wide beam.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12469 Datasheet(HTML) 10 Page - Ledil, Inc.

Back Button C12469 Datasheet HTML 3Page - Ledil, Inc. C12469 Datasheet HTML 4Page - Ledil, Inc. C12469 Datasheet HTML 5Page - Ledil, Inc. C12469 Datasheet HTML 6Page - Ledil, Inc. C12469 Datasheet HTML 7Page - Ledil, Inc. C12469 Datasheet HTML 8Page - Ledil, Inc. C12469 Datasheet HTML 9Page - Ledil, Inc. C12469 Datasheet HTML 10Page - Ledil, Inc. C12469 Datasheet HTML 11Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRODUCT
DATASHEET
C12469_LISA2-R-PIN
PHOTOMETRIC DATA (SIMULATED):
LED
Duris S5 (2 chip)
FWHM
76.0°
Efficiency
82 %
Peak intensity
0.4 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
OSLON Square CSSRM2/CSSRM3
FWHM
80.0°
Efficiency
83 %
Peak intensity
0.4 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
SFH 4727AS
FWHM
55.0°
Efficiency
89 %
Peak intensity
1 cd/lm
LEDs/each optic
1
Light colour
IR
Required components:
Last update: 15/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
10/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com