Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI3HDX231 Datasheet(PDF) 45 Page - Diodes Incorporated

No. de pieza PI3HDX231
Descripción Electrónicos  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX231 Datasheet(HTML) 45 Page - Diodes Incorporated

Back Button PI3HDX231 Datasheet HTML 41Page - Diodes Incorporated PI3HDX231 Datasheet HTML 42Page - Diodes Incorporated PI3HDX231 Datasheet HTML 43Page - Diodes Incorporated PI3HDX231 Datasheet HTML 44Page - Diodes Incorporated PI3HDX231 Datasheet HTML 45Page - Diodes Incorporated PI3HDX231 Datasheet HTML 46Page - Diodes Incorporated PI3HDX231 Datasheet HTML 47Page - Diodes Incorporated PI3HDX231 Datasheet HTML 48Page - Diodes Incorporated PI3HDX231 Datasheet HTML 49Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
45 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
7. Mechanical/Packaging
7.1
Package Mechanical Outline
DESCRIPTION: 48-Pin, Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZB48
DOCUMENT CONTROL #: PD-2080
REVISION: B
UNIT: mm
Notes:
1. All dimensions are in millimeters, angles are in degrees.
2. Coplanarity applies to the exposed thermal pad as well as the terminals.
3. Refer JEDEC MO-220
DA
2
1
/
9
0
/
345
0
:
E
T
12-0459
Figure 7-1: Package TQFN-48 (ZB) Mechanical Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51