| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SARA-R412M-02B Datasheet(PDF) 7 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R412M-02B Datasheet(HTML) 7 Page - u-blox AG |
|
7 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Functional description Page 7 of 43 1.4 Product description SARA-R4 series modules include the following variants / product versions: SARA-R404M LTE Cat M1 module, mainly designed for operation in LTE band 13 SARA-R410M-01B LTE Cat M1 module, mainly designed for operation in LTE bands 2, 4, 5, 12 SARA-R410M-02B LTE Cat M1 / NB1 module, mainly designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20, 25, 28 SARA-R410M-52B LTE Cat M1 module, mainly designed for operation in LTE bands 2, 4, 5, 12, 13 SARA-R410M-63B LTE Cat M1 module, mainly designed for operation in LTE bands 1, 8, 19 SARA-R410M-73B LTE Cat M1 module, mainly designed for operation in LTE bands 3, 5, 26 SARA-R412M-02B LTE Cat M1 / NB1 and 2G module, mainly designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20 and 2G Quad-band SARA-N410-02B LTE Cat NB1 module, mainly designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 28 Table 2 summarizes cellular radio access technologies characteristics and features supported by the SARA-R4 series modules. ☞ See Table 28 for the detailed list of RATs and bands included in each certification approval of the SARA-R4 series modules product versions. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |