Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBPC1002 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

No. de pieza KBPC1002
Descripción Electrónicos  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBPC1002 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBPC1002 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBPC1002 Datasheet HTML 2Page - HY ELECTRONIC CORP. KBPC1002 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristic Curves
The curve above is for reference only.
KBPC10*-B-00-00/01
Rev. 11, 18-May-2020
KBPC10005 THRU KBPC1010
Case Temperature (℃)
0
2
4
6
8
10
0
50
100
150
Fig. 1 - Forward Current Derating Curve
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
TJ=25°C
TJ=75°C
TJ=100°C
TJ=125°C
Pulse Width 300uS
2%Duty Cycle
Fig. 4 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
0
50
100
150
200
250
300
1
10
100
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
Fig. 3 - Typical Reverse Characteristics
0.1
1
10
100
1000
20
40
60
80
100
TJ=25°C
TJ=75°C
TJ=100°C
TJ=125°C
Percent of Rated Peak Reverse Voltage (%)
TJ=150°C



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com