Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBPC1004 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

No. de pieza KBPC1004
Descripción Electrónicos  Silicon Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HY [HY ELECTRONIC CORP.]
Página de inicio  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBPC1004 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBPC1004 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBPC1004 Datasheet HTML 2Page - HY ELECTRONIC CORP. KBPC1004 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
KBPC
Low forward voltage drop
Electrically isolated base -2000 Volts
RoHS
COMPLIANT
Meet UL flammability classification 94V-0
Mechanical Data
Polarity: Symbol marked on body
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
General purpose use in AC/DC bridge full wave rectification,
for power supply, industrial automation applications, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
10005
1001
1002
1004
1006
1008
1010
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward Rectified Current @TC=55 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage per Diode at 5A DC
VF
V
Maximum DC Reverse Current at Rated
DC Blocking Voltage per Diode @TJ=25℃
Operating Junction Temperature Range
TJ
Storage Temperature Range
TSTG
KBPC10*-B-00-00/01
Rev. 11, 18-May-2020
Characteristics
Symbol
IFSM
IR
Unit
A
μA
240
10
10
240
1.1
-55 to +150
-55 to +150
KBPC10005 THRU KBPC1010
Reverse Voltage - 50 to 1000 Volts
Forward Current - 10 Amperes
High surge forward current capability
Package Outline Dimensions in Inches (Millimeters)
Pb
Silicon Bridge Rectifiers


Número de pieza similar - KBPC1004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
KBPC1004 WTE-KBPC1004 Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1004 JGD-KBPC1004 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC1004 SEMTECH-KBPC1004 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1004 SSE-KBPC1004 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1004 CHENYI-KBPC1004 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Descripción similar - KBPC1004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com