| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IS25LP032A-RFLA2 Datasheet(PDF) 98 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032A-RFLA2 Datasheet(HTML) 98 Page - Integrated Silicon Solution, Inc |
|
98 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 98 Rev. A 11/06/2015 Density Frequency (MHz) Order Part Number(1) Package(2) 64Mb 133 IS25LP064A-JBLE IS25LP064A-JBLE1 8-pin SOIC 208mil IS25LP064A-JKLE IS25LP064A-JKLE1 8-contact WSON 6x5mm IS25LP064A-JLLE IS25LP064A-JLLE1 8-contact WSON 8x6mm IS25LP064A-JFLE IS25LP064A-JFLE1 8-pin VSOP 208mil IS25LP064A-JMLE IS25LP064A-JMLE1 16-pin SOIC 300mil IS25LP064A-JGLE IS25LP064A-JGLE1 24-ball TFBGA 6x8mm 4x6 ball array IS25LP064A-JHLE IS25LP064A-JHLE1 24-ball TFBGA 6x8mm 5x5 ball array (Call Factory) IS25LP064A-QBLE IS25LP064A-QBLE1 8-pin SOIC 208mil IS25LP064A-QKLE IS25LP064A-QKLE1 8-contact WSON 6x5mm IS25LP064A-QLLE IS25LP064A-QLLE1 8-contact WSON 8x6mm IS25LP064A-QFLE IS25LP064A-QFLE1 8-pin VSOP 208mil IS25LP064A-QMLE IS25LP064A-QMLE1 16-pin SOIC 300mil IS25LP064A-QGLE IS25LP064A-QGLE1 24-ball TFBGA 6x8mm IS25LP064A-RMLE IS25LP064A-RMLE1 16-pin SOIC 300mil(3) IS25LP064A-PMLE IS25LP064A-PMLE1 16-pin SOIC 300mil(3) IS25LP064A-RGLE IS25LP064A-RGLE1 24-ball TFBGA 6x8mm 4x6 ball array (3) IS25LP064A-RHLE IS25LP064A-RHLE1 24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory) IS25LP064A-PGLE IS25LP064A-PGLE1 24-ball TFBGA 6x8mm 4x6 ball array (3) IS25LP064A-DMLE IS25LP064A-DMLE1 16-pin SOIC 300mil IS25LP064A-DGLE IS25LP064A-DGLE1 24-ball TFBGA 6x8mm 4x6 ball array IS25LP064A-JBLA* 8-pin SOIC 208mil (Call Factory) IS25LP064A-JKLA* 8-contact WSON 6x5mm (Call Factory) IS25LP064A-JLLA* 8-contact WSON 8x6mm (Call Factory) IS25LP064A-JMLA* 16-pin SOIC 300mil (Call Factory) IS25LP064A-JGLA* 24-ball TFBGA 6x8mm 4x6 ball array (Call Factory) IS25LP064A-JHLA* 24-ball TFBGA 6x8mm 5x5 ball array (Call Factory) IS25LP064A-QBLA* 8-pin SOIC 208mil (Call Factory) IS25LP064A-QKLA* 8-contact WSON 6x5mm (Call Factory) IS25LP064A-QMLA* 16-pin SOIC 300mil (Call Factory) IS25LP064A-QGLA* 24-ball TFBGA 6x8mm (Call Factory) IS25LP064A-RMLA* 16-pin SOIC 300mil(3)(Call Factory) IS25LP064A-RGLA* 24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory) IS25LP064A-RHLA* 24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory) IS25LP064A-PGLA* 24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory) IS25LP064A-DMLA* 16-pin SOIC 300mil(Call Factory) IS25LP064A-DGLA* 24-ball TFBGA 6x8mm 4x6 ball array (Call Factory) IS25LP064A-DHLA* 24-ball TFBGA 6x8mm 5x5 ball array (Call Factory) IS25LP064A-JWLE KGD (Call Factory) |