Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A6P4SS Datasheet(PDF) 11 Page - Pentair plc. All rights reserved.

No. de pieza A6P4SS
Descripción Electrónicos  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PENTAIR [Pentair plc. All rights reserved.]
Página de inicio  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A6P4SS Datasheet(HTML) 11 Page - Pentair plc. All rights reserved.

Back Button A6P4SS Datasheet HTML 7Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 8Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 9Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 10Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 11Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 12Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 13Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 14Page - Pentair plc. All rights reserved. A6P4SS Datasheet HTML 15Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
Pentair electrical
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
11
Panels For Free-sTand sinGle- and dUal-access
one-door enclosUres
Panels for one-door, single-access and one-door, dual-access
free-Stand type 12 enclosures, free-Stand type 4 enclosures and
one-Door type 4X free-Stand fiberglass enclosures. Panels are
12 gauge steel and can be positioned anywhere along horizontal
mounting channels (see dimension drawing Sections B-B for
limitations). Half-length panels can be located in the upper or lower
portion of the enclosure. Panels are finished with white polyester
powder paint or a conductive, corrosion-resistant coating and
furnished with plated mounting hardware.
BULLETIN: PNL30
Catalog Number
Description
Finish
Panel Size (in.)
Panel Size (mm)
Fits Enclosure
A x B (in.)
Fits Enclosure
A x B (mm)
A60P24F1
Full Panel
Painted steel
48.00 x 20.00
1218 x 508
60.00 x 24.00
1524 x 610
A60P24F1G
Full Panel
Conductive
48.00 x 20.00
1218 x 508
60.00 x 24.00
1524 x 610
A60P24F2
Half Panel
Painted steel
24.88 x 20.00
632 x 508
60.00 x 24.00
1524 x 610
A60P24F2G
Half Panel
Conductive
24.88 x 20.00
632 x 508
60.00 x 24.00
1524 x 610
A72P24F1
Full Panel
Painted steel
60.00 x 20.00
1524 x 508
72.00 x 24.00
1829 x 610
A72P24F1G
Full Panel
Conductive
60.00 x 20.00
1524 x 508
72.00 x 24.00
1829 x 610
A72P24F2
Half Panel
Painted steel
30.88 x 20.00
784 x 508
72.00 x 24.00
1829 x 610
A72P24F2G
Half Panel
Conductive
30.88 x 20.00
784 x 508
72.00 x 24.00
1829 x 610
A90P24F1
Full Panel
Painted steel
78.00 x 20.00
1981 x 508
90.00 x 24.00
2286 x 610
A90P24F1G
Full Panel
Conductive
78.00 x 20.00
1981 x 508
90.00 x 24.00
2286 x 610
A90P24F2
Half Panel
Painted steel
39.88 x 20.00
1013 x 508
90.00 x 24.00
2286 x 610
A90P24F2G
Half Panel
Conductive
39.88 x 20.00
1013 x 508
90.00 x 24.00
2286 x 610
A72P30F1
Full Panel
Painted steel
60.00 x 26.00
1524 x 660
72.00 x 30.00
1829 x 762
A72P30F1G
Full Panel
Conductive
60.00 x 26.00
1524 x 660
72.00 x 30.00
1829 x 762
A72P30F2
Half Panel
Painted steel
30.88 x 26.00
784 x 660
72.00 x 30.00
1829 x 762
A72P30F2G
Half Panel
Conductive
30.88 x 26.00
784 x 660
72.00 x 30.00
1829 x 762
A60P36F1
Full Panel
Painted steel
48.00 x 32.00
1219 x 813
60.00 x 36.00
1524 x 914
A60P36F1G
Full Panel
Conductive
48.00 x 32.00
1219 x 813
60.00 x 36.00
1524 x 914
A60P36F2
Half Panel
Painted steel
24.88 x 32.00
632 x 813
60.00 x 36.00
1524 x 914
A60P36F2G
Half Panel
Conductive
24.88 x 32.00
632 x 813
60.00 x 36.00
1524 x 914
A72P36F1
Full Panel
Painted steel
60.00 x 32.00
1524 x 813
72.00 x 36.00
1829 x 914
A72P36F1G
Full Panel
Conductive
60.00 x 32.00
1524 x 813
72.00 x 36.00
1829 x 914
A72P36F2
Half Panel
Painted steel
30.88 x 32.00
784 x 813
72.00 x 36.00
1829 x 914
A72P36F2G
Half Panel
Conductive
30.88 x 32.00
784 x 813
72.00 x 36.00
1829 x 914
A90P36F1
Full Panel
Painted steel
78.00 x 32.00
1981 x 813
90.00 x 36.00
2286 x 914
A90P36F1G
Full Panel
Conductive
78.00 x 32.00
1981 x 813
90.00 x 36.00
2286 x 914
A90P36F2
Half Panel
Painted steel
39.88 x 32.00
1013 x 813
90.00 x 36.00
2286 x 914
A90P36F2G
Half Panel
Conductive
39.88 x 32.00
1013 x 813
90.00 x 36.00
2286 x 914
Use combinations of panels for 3-5 door A 28 enclosures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com