| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IS25LP032A-RMLA3 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP032A-RMLA3 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc |
|
8 / 99 page ![]() IS25LP064A/032A Integrated Silicon Solution, Inc.- www.issi.com 8 Rev. A 11/06/2015 Top View, Balls Facing Down NC NC NC NC F1 F2 F3 F4 NC NC or RESET# NC SCK GND VCC NC CE# NC WP#(IO2) NC SO(IO1) SI(IO0) HOLD# or RESET# (IO3) NC NC NC NC NC A2 A3 A4 B1 B2 B3 B4 C1 C2 C3 C4 D1 D2 D3 D4 E1 E2 E3 E4 A1 (2) (1) 24-ball TFBGA, 4x6 Ball Array (Package:G) NC NC NC SCK GND VCC NC CE# NC WP#(IO2) NC SO(IO1) SI(IO0) HOLD# or RESET# (IO3) NC NC NC NC NC NC NC NC Top View, Balls Facing Down NC 24-ball TFBGA, 5x5 Ball Array (Package:H) A2 A3 A4 B1 B2 B3 B4 C1 C2 C3 C4 D1 D2 D3 D4 E1 E2 E3 E4 A5 B5 C5 D5 E5 NC (2) (1) NC NC or RESET# Notes: 1. For RESET# (IO3) pin (or ball) option instead of HOLD# (IO3) pin (or ball), call Factory. 2. In case of 16-pin SOIC and 24-ball TFBGA packages, pin3/ball A4 will become NC or RESET# based on part number. Below is the summary. Also see the Ordering Information on page 95. Standard (1) Dedicated RESET# (2) Pin3 or Ball A4 NC RESET# Pin1or Ball D4 Hold#(IO3) or RESET#(IO3) Hold#(IO3) Part Number Option J or S R or P |