Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0FHM0200ZP Datasheet(PDF) 1 Page - Littelfuse

No. de pieza 0FHM0200ZP
Descripción Electrónicos  ADD-A-CIRCUIT MINI/MICRO2 FUSE HOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0FHM0200ZP Datasheet(HTML) 1 Page - Littelfuse

  0FHM0200ZP Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2019 Littelfuse Commercial Vehicle Products
Rev: 062519
littelfuse.com
Product Datasheet
Features and Benefits
• Adds additional circuit without cutting/splicing
• Protects both resulting circuits
• Butt splice connectors for easy wiring
• UL1015-Rated wire leads
• Blister Packaged Kit comes with 3A, 5A, 7.5A, and 10A
fuses
Specifications Overview
Max Fuse Rating:
10A
Max Voltage:
32V DC
Wire Size:
16 AWG
18 AWG
Wire Color:
Red
Applications
• Add-on Accessory Circuit
Dimensions in MM
Recommended Fuses
ADD-A-CIRCUIT MINI/MICRO2 FUSE HOLDER
Description
Add-A-Circuit MINI / LPMINI / MICRO2 Fuse Holder Kits
allow for easy installation of additional circuits without any
cutting or splicing of existing wire (thus maintaining new
car warranty). Turns one fuse slot into two while providing
protection to both resulting circuits. Blister Pack Kit
comes packaged with 3A, 5A, 7.5A, and 10A fuses of the
corresponding fuse style.
Web Resources
Download 2D print and technical resources at:
littelfuse.com/MINI-AddACircuit
Ordering Information
PART
NUMBER
DESCRIPTION
WIRE SIZE
0FHM0200Z
Add-A-Circuit MINI Fuse Holder
Bulk Packaging
16 AWG
0FHM0200ZP
Add-A-Circuit MINI Fuse Holder Kit
Blister Packaging
16 AWG
FHLM0200Z
Add-A-Circuit Low Profile MINI Fuse
Holder - Bulk Packaging
18 AWG
FHLM0200ZPA
Add-A-Circuit Low Profile MINI Fuse
Holder Kit - Blister Packaging
18 AWG
FHM20200Z
Add-A-Circuit MICRO2 Fuse Holder
Bulk Packaging
16 AWG
FHM20200ZPA
Add-A-Circuit MICRO2 Fuse Holder Kit
Blister Packaging
16 AWG
0FHM0200Z
MINI & LP MINI Fuses
littelfuse.com/MINI
littelfuse.com/LPMINI
MICRO2 Fuses
littelfuse.com/MICRO2
Visit Littelfuse.com for the most up-to-date product information. Littelfuse products are designed for specific applications and should not be used for any purpose (including, without limitation, automotive
applications) not expressly set forth in applicable Littelfuse product documentation. Warranties granted by Littelfuse shall be deemed void for products used for any purpose not expressly set forth in
applicable Littelfuse product documentation. Littelfuse shall not be liable for any claims or damages arising out of products used in applications not expressly intended by Littelfuse as set forth in applicable
Littelfuse product documentation.


Número de pieza similar - 0FHM0200ZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0FHM0200ZP LITTELFUSE-0FHM0200ZP Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
0FHM0200ZP LITTELFUSE-0FHM0200ZP Datasheet
219Kb / 1P
Fuse Holder for MINI, Low Profile MINI, or MICRO2 Fuses
2025
More results

Descripción similar - 0FHM0200ZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
441-0201-GR ETC1-441-0201-GR Datasheet
75Kb / 2P
Mini Fuse Holder
441-R3-13-GRX ETC1-441-R3-13-GRX Datasheet
97Kb / 2P
Fuse Holder
441-R314C-GRX ETC2-441-R314C-GRX Datasheet
103Kb / 2P
Fuse Holder
441-R324-GR ETC2-441-R324-GR Datasheet
73Kb / 2P
Fuse Holder
441-R344B-GR ETC2-441-R344B-GR Datasheet
82Kb / 2P
Fuse Holder
441-R349A-GR ETC2-441-R349A-GR Datasheet
83Kb / 2P
Fuse Holder
logo
Littelfuse
01530007LXN LITTELFUSE-01530007LXN Datasheet
264Kb / 2P
PCB MOUNT FUSE HOLDER FOR MINI STYLE BLADE FUSE
logo
Keystone Electronics Co...
3569 KEYSTONE-3569 Datasheet
179Kb / 1P
FUSE HOLDER
9.22.08
logo
Littelfuse
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
MINIADD-A-CIRCUIT LITTELFUSE-MINIADD-A-CIRCUIT Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com