| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASM706EPA Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM706EPA Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation |
|
8 / 16 page ![]() ASM705 / 706 / 707 / 708 8 of 16 Notice: The information in this document is subject to change without notice Low Power µP Supervisor Circuits ASM813L rev 1.5 February 2005 Electrical Characteristics Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (ASM706P, ASM708R), 3.0 V to 5.5V (ASM706/708S), 3.15V to 5.5V (ASM706/708T) and 4.1V to 5.5.V (ASM706/708J) Parameter Symbol Conditions Min Typ Max Unit Operating Voltage Range VCC ASM705/6/7/8C 1.2 5.5 V ASM813L 1.1 5.5 ASM705/6/7/8E, ASM813E 1.2 5.5 Supply Current ICC ASM705/706C/813LC 75 140 µA ASM705E/706E/813LE 75 140 ASM707C/708C 50 140 ASM707E/708E 50 140 RESET Threshold VRT ASM705/707/813L, Note 1 4.50 4.65 4.75 V ASM706/708 Note 1 4.25 4.40 4.50 RESET Threshold Hysteresis Note 1 40 mV RESET Pulse Width tRS Note 1 140 200 280 ms MR Pulse Width tMR 0.15 µs MR to RESET Out Delay tMD Note 1 0.25 µs MR Input Threshold VIH 2.0 V VIL 0.8 MR Pullup current MR = 0V 100 250 600 µA RESET Output Voltage ISOURCE = 800µA VCC - 1.5 V ISINK = 3.2mA 0.4 ASM705/6/7/8, VCC = 1.2V, ISINK = 100µA 0.3 RESET Output Voltage ASM707/8/813L, ISOURCE = 800µA VCC-1.5 V ASM707/8, ISINK = 1.2mA 0.4 ASM813L, ISINK =3.2mA 0.4 ASM813L, VCC = 1.2V, ISOURCE = 4µA 0.9 |