Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASM708EPAF Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

No. de pieza ASM708EPAF
Descripción Electrónicos  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALSC [Alliance Semiconductor Corporation]
Página de inicio  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708EPAF Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM708EPAF Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM708EPAF Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM705 / 706 / 707 / 708
ASM813L
rev 1.5
February 2005
Monitoring a Negative Voltage
The Power-Fail circuitry can also monitor a negative supply
rail. When the negative rail is OK, PFO will be LOW, and
when the negative rail is failing (not negative enough), PFO
goes HIGH (the opposite of when positive voltages are
monitored). To trigger a reset, these outputs need to be
inverted: adding the resistors and transistor as shown
achieves this. The RESET output will then have the same
sense as for positive voltages: good = HIGH, bad = LOW. It
should be noted that this circuit’s accuracy depends on the
VCC line, the PFI threshold tolerance, and the resistors.
VCC
PFI
MR
PFO
VCC
R1
R2
ASM70x
RESET
GND
To
µP
Figure 5: Monitoring a negative voltage
2N3904
R3
R4
VCC - 1.25
R1
=
1.25 - VTRIP
R2
Negative Input Voltage
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16