Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASM708ESA-T Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

No. de pieza ASM708ESA-T
Descripción Electrónicos  Low Power uP Supervisor Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALSC [Alliance Semiconductor Corporation]
Página de inicio  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM708ESA-T Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button ASM708ESA-T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM708ESA-T Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ASM705 / 706 / 707 / 708
10 of 16
Notice: The information in this document is subject to change without notice
Low Power µP Supervisor Circuits
ASM813L
rev 1.5
February 2005
Package Dimensions
8-Pin MicroSO
Inches
Millimeteres
Min
Max
Min
Max
A
0.032
0.044
0.81
1.10
A1
0.002
0.006
0.05
0.15
A2
0.030
0.038
0.76
0.97
b
0.012 BSC
0.30 BSC
C
0.004
0.008
0.10
0.20
D
0.114
0.122
2.90
3.10
e
0.0256 BSC
0.65 BSC
E
0.184
0.200
4.67
5.08
E1
0.114
0.122
2.90
3.10
L
0.016
0.026
0.41
0.66
S
0.0206 BSC
0.52 BSC
a
0°6°0°6°
E1
E
D
A
A1
A2
e
b
C
L
a
0.10mm
0.004in
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16