| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDLL4622D Datasheet(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
CDLL4622D Datasheet(HTML) 1 Page - Microsemi Corporation |
|
1 / 2 page ![]() 6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com 123 MILLIMETERS INCHES DIM MIN MAX MIN MAX D 1.60 1.70 0.063 0.067 F 0.41 0.55 0.016 0.022 G 3.30 3.70 .130 .146 G1 2.54 REF. .100 REF. S 0.03 MIN. .001 MIN. FIGURE 1 DESIGN DATA CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 °C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZJX): 35 °C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/°C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device. • 1N4614UR-1 THRU 1N4627UR-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435 • LEADLESS PACKAGE FOR SURFACE MOUNT • LOW CURRENT OPERATION AT 250 µA • METALLURGICALLY BONDED MAXIMUM RATINGS Operating Temperatures: -65°C to +175°C DC Power Dissipation: 500mW @ TEC = +125°C Power Derating: 10 mW / °C above TEC = +125°C Forward Voltage @ 200 mA: 1.1 Volts maximum ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed. CDI NOMINAL ZENER MAXIMUM MAXIMUM REVERSE MAXIMUM TYPE ZENER TEST ZENER LEAKAGE CURRENT DC ZENER NUMBER VOLTAGE CURRENT IMPEDANCE CURRENT V Z @ I ZT I ZT Z ZT @ I ZT 1 R @ V R (Note 1) (Note 2) VOLTS µ A OHMS µ A VOLTS mA CDLL4614 1.8 250 1200 7.5 1 120 CDLL4615 2.0 250 1250 5.0 1 110 CDLL4616 2.2 250 1300 4.0 1 100 CDLL4617 2.4 250 1400 2.0 1 95 CDLL4618 2.7 250 1500 1.0 1 90 CDLL4619 3.0 250 1600 0.8 1 87 CDLL4620 3.3 250 1650 7.5 1.5 85 CDLL4621 3.6 250 1700 7.5 2 83 CDLL4622 3.9 250 1650 5.0 2 80 CDLL4623 4.3 250 1600 4.0 2 77 CDLL4624 4.7 250 1550 10.0 3 75 CDLL4625 5.1 250 1500 10.0 3 70 CDLL4626 5.6 250 1400 10.0 4 65 CDLL4627 6.2 250 1200 10.0 5 61 1N4614UR-1 thru 1N4627UR-1 and CDLL4614 thru CDLL4627 NOTE 1 The CDI type numbers shown above have a Zener voltage tolerance of +5.0%. Nominal Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25°C + 3°C. "C" suffix denotes a + 2% tolerance and "D" suffix denotes a + 1% tolerance. NOTE 2 Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of IZT. |
Número de pieza similar - CDLL4622D |
|
Descripción similar - CDLL4622D |