| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ASM708SEPA Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM708SEPA Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation |
|
9 / 16 page ![]() ASM706 P/ R/ S/ T/ J 9 of 16 Notice: The information in this document is subject to change without notice 3/3.3/4.0 V µP Supervisor Circuits ASM708 R/ S/ T/ J October 2003 rev 1.0 MR Input Threshold VIH VRST(MAX) < VCC < 4.5V 0.7VCC V VIL VRST(MAX) < VCC < 4.5V 0.6 VIH 4.5V < VCC < 5.5V 2.0 VIL 4.5V < VCC < 5.5V 0.8 MR Pullup resistor RP 10 20 40 k Ω RESET Output Volt- age (All R/S/T/J devices) VOH ISOURCE = 800µA, 4.5V < VCC < 5.5V VCC - 1.5 V VOL ISINK = 3.2mA, 4.5V < VCC < 5.5V 0.4 VOH ISOURCE=500µA, VRST(MAX) < VCC < 4.5V 0.8VCC VOL ISINK =1.2mA, VRST(MAX) < VCC < 4.5V 0.3 VOL ISINK = 50µA, VCC = 1.1V (ASM706xC, ASM708xC devices) 0.3 ISINK =100µA, VCC = 1.2V (ASM706xE, ASM708xE devices) 0.3 RESET Output Volt- age ASM706P VOH ISOURCE = 800µA, 4.5V < VCC < 5.5V VCC - 1.5 V VOL ISINK = 3.2mA, 4.5V < VCC < 5.5V 0.4 VOH ISOURCE=500µA, VRST(MAX) < VCC <3.6V 0.8VCC VOL ISINK =1.2mA, VRST(MAX) < VCC < 3.6V 0.3 RESET Output Volt- age ASM708R/S/T/J VOH ISOURCE = 800µA, 4.5V < VCC < 5.5V VCC - 1.5 V VOL ISINK = 3.2mA, 4.5V < VCC < 5.5V 0.4 VOH ISOURCE=500µA, VRST(MAX) < VCC < 4.5V 0.8VCC VOL ISINK =1.2mA, VRST(MAX) < VCC < 4.5V 0.3 Watchdog Timeout Period tWD VCC = 3V (ASM706, P/R devices). s VCC = 3.3V (ASM706 S/T devices). 1.0 1.6 2.25 VCC = 4.4V (ASM706, J devices). WDI Pulse Width tWP VIL = 0.4V, VIH=0.8VCC, VRST(MAX) < VCC < 4.5V 100 ns VIL = 0.4V, VIH=0.8VCC, 4.5V < VCC < 5.5V 50 Parameter Symbol Conditions Min Typ Max Unit |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |