Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EM78P803B Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

No. de pieza EM78P803B
Descripción Electrónicos  8-bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMC [ELAN Microelectronics Corp]
Página de inicio  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P803B Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM78P803B Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
EM78P803B
8-bit Micro-controller
_________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice. 1
2006/2/27
V1.3.5
I. Main Feature
Single power supply
Operating voltage range: 2.8V ~ 5.5V(7.1652MHz)
4.5V ~ 5.5V(14.331MHz)
2.2V ~ 5.5V(3.5826MHz/ERIC mode)
2.2V ~ 5.5V(Sleep/Idle/Green mode)
CPU
8-bit RISC kernel
99.9% single instruction cycle commands
Clock
32.768KHz clock source
Built-in PLL to generate main clock 3.5826MHz x 0.5, 1, 2 and 4
Optional ERIC mode only with an external R
Timer and counter
Watch Dog: Programmable free running on chip watchdog timer
TCC: 8-bit real time clock/counter (TCC) with 8-bit prescaler
COUNTER1: 8-bit counter with 8-bit prescaler can be an interrupt source
COUNTER2: 8-bit counter can be an interrupt source
Two 8-bit counters can combine into one 16-bit counter when in R2F and 16-bit counter mode.
Both of counters have reload function.
Memory
8k x 13bits on chip Electrical One Time Programmable Read Only Memory (OTP-ROM)
0.5k x 8bits on-chip general RAM
112 x 8bits common registers
I/O
Up to 28 bi-directional tri-state I/O ports (15 independent I/O)
IO with internal Pull high, wake-up and interrupt functions
Operation mode
Four modes can be selected. (Main clock is generated by internal PLL.)
Mode
CPU status
Main clock
32.768 kHz clock status
Sleep mode
Turn off
Turn off
Turn off
Idle mode
Turn off
Turn off
Turn on
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
Interrupt
Selective signal sources and overflow interrupt
STACK: 8 levels stack for subroutine nesting
8 interrupt source, 5 external, 3 internal
Reset
Power on reset, /POVD reset (by PAD option) or external /RESET pin
R to F Counter
1 channel 16-bit counter with 2-channel sensors connected.
LCD
LCD operation voltage chosen by software
Common driver pins: 8/4
Segment driver pins: 28
1/3 bias or 1/4 bias with output buffer
1/4 duty or 1/8 duty
PACKAGE
64-pad die (EM78P803BH)
100-pin QFP (EM78P803BQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com