| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL062CPS Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL062CPS Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 52 page ![]() 0 f − Frequency − Hz 10 20 30 40 50 60 70 80 90 100 10 40 100 400 1 k 4 k 10 k 40 k 100 k VCC± = ±15 V RS = 20 Ω TA = 25°C −6 t − Time − µs Input Output VCC± = ±15 V RL = 10 kΩ CL = 100 pF TA = 25°C 0 2 4 6 8 10 −4 −2 0 2 4 6 −4 t − Elapsed Time − µs 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 4 8 12 16 20 24 28 VCC± = ±15 V RL = 10 kΩ TA = 25°C 10% tr Overshoot TL061, TL061A, TL061B TL062, TL062A, TL062B, TL064, TL064A, TL064B SLOS078L – NOVEMBER 1978 – REVISED MAY 2015 www.ti.com Figure 14. Output Voltage vs Elapsed Time Figure 13. Voltage-Follower Large-Signal Pulse Response vs Time Figure 15. Equivalent Input Noise Voltage vs Frequency 12 Submit Documentation Feedback Copyright © 1978–2015, Texas Instruments Incorporated Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |