Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

544036 Datasheet(PDF) 1 Page - Festo Corporation.

No. de pieza 544036
Descripción Electrónicos  Mini slide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FESTO [Festo Corporation.]
Página de inicio  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

544036 Datasheet(HTML) 1 Page - Festo Corporation.

  544036 Datasheet HTML 1Page - Festo Corporation. 544036 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
DGSL-25-100-PA
Part number: 544036
Data sheet
Feature
Value
Stroke
100 mm
Adjustable end-position range/front length
110 mm
Adjustable end-position range/rear length
49 mm
Piston diameter
32 mm
Type code
DGSL
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Ball bearing cage guide
Design
Piston rod
Piston
Slide
Yoke
Position sensing
For proximity sensor
Symbol
00991263
Operating pressure
1 bar ... 8 bar
Max. speed
0.8 m/s
Repetition accuracy
0.3 mm
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
0 °C ... 60 °C
Impact energy in the end positions
0.55 J
Cushioning length
1.3 mm
Max. force Fy
4750 N
Max. force Fz
4750 N
Max. torque Mx
130 Nm
Max. torque My
80 Nm
Max. torque Mz
80 Nm
Theoretical force at 6 bar, retracting
415 N
Theoretical force at 6 bar, advancing
483 N
Moving mass
1761 g
Product weight
4731 g
Alternative connections
See product drawing
Type of mounting
With through-hole
9/25/20 - Subject to change - Festo AG & Co. KG
1/2


Número de pieza similar - 544036

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
544030 FESTO-544030 Datasheet
89Kb / 2P
Mini slide
logo
PHOENIX CONTACT
5440305 PHOENIX-5440305 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381WF-13 GY
logo
Festo Corporation.
544031 FESTO-544031 Datasheet
88Kb / 2P
Mini slide
logo
PHOENIX CONTACT
5440318 PHOENIX-5440318 Datasheet
66Kb / 3P
Printed-circuit board connector - BCVP-381WF-14 GY
logo
Festo Corporation.
544032 FESTO-544032 Datasheet
89Kb / 2P
Mini slide
More results

Descripción similar - 544036

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
Mini slide
DGST-10-40-PA FESTO-DGST-10-40-PA Datasheet
92Kb / 2P
Mini slide
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-12-80-E1A FESTO-DGST-12-80-E1A Datasheet
89Kb / 2P
Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-50-PA FESTO-DGST-16-50-PA Datasheet
91Kb / 2P
Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
Mini slide
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com