Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

47C16 Datasheet(PDF) 22 Page - Microchip Technology

No. de pieza 47C16
Descripción Electrónicos  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47C16 Datasheet(HTML) 22 Page - Microchip Technology

Back Button 47C16 Datasheet HTML 18Page - Microchip Technology 47C16 Datasheet HTML 19Page - Microchip Technology 47C16 Datasheet HTML 20Page - Microchip Technology 47C16 Datasheet HTML 21Page - Microchip Technology 47C16 Datasheet HTML 22Page - Microchip Technology 47C16 Datasheet HTML 23Page - Microchip Technology 47C16 Datasheet HTML 24Page - Microchip Technology 47C16 Datasheet HTML 25Page - Microchip Technology 47C16 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
47L04/47C04/47L16/47C16
DS20005371C-page 22
 2015-2016 Microchip Technology Inc.
FIGURE 2-13:
STORE DURING STATUS REGISTER WRITE CYCLE SCENARIOS (WITH AM = 1)
Note 1:
Store operation will only execute if ASE bit = 1.
2:
The second STATUS register write cycle is performed to set the EVENT bit to a ‘1’.
TSTORE
HS
Hardware Store
Device Access
Enabled
Array Modified Bit
TWC
STATUS Register
Write Cycle
TSTORE(1)
VCC
Auto-Store
Auto-Recall
Device Access
Enabled
Array Modified
VTRIP
VCAP
Bit
TWC
STATUS Register
Write Cycle
TWC(2)
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40