Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PD6F8BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

No. de pieza PD6F8BA
Descripción Electrónicos  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Página de inicio  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD6F8BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD6F8BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6F8BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6F8BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6F8BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6F8BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6F8BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6F8BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6F8BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD6F8BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
40
1.3
1.8
2.3
±100
nA
1
10
3.1
4.5
2.6
3.3
60
S
5780
793
388
1.5
Ω
105
53
19
22
30
35
112
34
73
A
1.3
V
36
nS
34
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 60A.
Forward Transconductance
1
VGS = 4.5V, ID = 20A
VDS = 30V, VGS = 0V , TJ = 125 °C
PARAMETER
SYMBOL
VGS = 0V, VDS = 20V, f = 1MHz
Gate-Body Leakage
VGS(th)
Input Capacitance
Qgd
Output Capacitance
Qg(VGS=10V)
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
gfs
TEST CONDITIONS
STATIC
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Ciss
VDS = 5V, ID = 20A
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
Reverse Recovery Time
IF = 20A, VGS = 0V
IS
VSD
trr
IF = 20A, dlF/dt = 100A / mS
Drain-Source Breakdown Voltage
V
UNITS
V(BR)DSS
LIMITS
VGS = 0V, ID = 250mA
Qrr
pF
nC
Qgs
mA
DYNAMIC
mΩ
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Total Gate Charge
2
Qg(VGS=4.5V)
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
VDS = 32V, VGS = 0V
VDS = 20V , ID = 20A
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V , ID = 20A
nS
VDS = 20V ,
ID @ 20A, VGS = 10V, RGEN =6Ω
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
REV 1.0
2
2016/11/3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com