Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PD563BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

No. de pieza PD563BA
Descripción Electrónicos  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Página de inicio  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD563BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD563BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD563BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD563BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD563BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD563BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PD563BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PD563BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PD563BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD563BA
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-40
-1
-1.5
-3
±100
nA
-1
-10
12.5
15
16.3
29
42
S
1881
256
207
4
Ω
41
22
3.7
11
16
47
88
90
-46
A
-1.3
V
16
nS
6
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is -39A.
VDS = -5V, ID = -20A
TEST CONDITIONS
Forward Transconductance
1
VDS =-30V, VGS = 0V, TJ = 55°C
VGS = -10V, ID = -20A
IGSS
VGS(th)
PARAMETER
Zero Gate Voltage Drain Current
gfs
LIMITS
Gate-Body Leakage
Drain-Source Breakdown Voltage
VGS = 0V, VDS = -20V, f = 1MHz
SYMBOL
Output Capacitance
DYNAMIC
VGS = -4.5V, ID = -15A
VDS =-32V, VGS = 0V
mA
Gate-Source Charge
2
Reverse Transfer Capacitance
Qg(VGS=-10V)
Input Capacitance
Total Gate Charge
2
VDS =-20V,ID = -20A
Gate Resistance
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Rise Time
2
VGS =0V, VDS = 0V, f = 1MHz
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
Fall Time
2
tf
VSD
tr
pF
Turn-On Delay Time
2
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 0V, ID = -250mA
nC
Qg(VGS=-4.5V)
Ciss
V
Qgd
Qgs
Turn-Off Delay Time
2
Gate-Drain Charge
2
VDS =-20V ,ID @ -20A,
VGS=-10V,RGEN=6Ω
td(on)
V(BR)DSS
Gate Threshold Voltage
STATIC
nS
trr
Rg
mΩ
IF = -20A, VGS = 0V
UNITS
IF = -20A, dlF/dt = 100A /mS
VDS = 0V, VGS = ±25V
IDSS
Coss
Crss
td(off)
IS
VDS = VGS, ID = -250mA
REV 1.0
2
2017/1/13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com