Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATR2812S/CH Datasheet(PDF) 11 Page - International Rectifier

No. de pieza ATR2812S/CH
Descripción Electrónicos  HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

ATR2812S/CH Datasheet(HTML) 11 Page - International Rectifier

Back Button ATR2812S/CH Datasheet HTML 4Page - International Rectifier ATR2812S/CH Datasheet HTML 5Page - International Rectifier ATR2812S/CH Datasheet HTML 6Page - International Rectifier ATR2812S/CH Datasheet HTML 7Page - International Rectifier ATR2812S/CH Datasheet HTML 8Page - International Rectifier ATR2812S/CH Datasheet HTML 9Page - International Rectifier ATR2812S/CH Datasheet HTML 10Page - International Rectifier ATR2812S/CH Datasheet HTML 11Page - International Rectifier ATR2812S/CH Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
ATR28XXS Series
Pin Designation
ATR28XXS Case Outlines
Flanged
Non-Flanged
Part Numbering
2.550
1.110
0.040 D X
0.26 L P ins
4 X 0.400
=1.600
2.880
Max
2.110
Max
0.390
Max
0.050
0.800
2.110
0.390
Max
Ø 0.162
2 H oles
* If neither remote sense nor voltage trim is used, connect
Pin 3 to 4 and 5 to 6 or output voltage will increase by 1.2V.
Pin No.
Designation
1
Positive Input
2
Enable Input
3
Return Sense*
4
Output Return
5
Positive Output
6
Positive Sense*
7
N/C
8
Case Ground
9
Sync.
10
Input Common
ATR 28 15 S F / CH
Model
Input Voltage
28 = 28V Nominal
Output Voltage
Single - 03R3 = 3.3V, 05 = 5V
12 = 12V, 15 = 15V
Dual - 12 = ±12V, 15 = ±15V
Triple - 12 = 5V,±12V
15 = 5V,±15V
Outputs
S = Single
D = Dual
T = Triple
Screening
– , ES, HB, CH
Package Style
F = Flange
Omit for Non-flange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com