Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IN74LS161 Datasheet(PDF) 3 Page - Integral Corp.

No. de pieza IN74LS161
Descripción Electrónicos  Synchronous 4 Bit Counters; Binary, Direct Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS161 Datasheet(HTML) 3 Page - Integral Corp.

  IN74LS161 Datasheet HTML 1Page - Integral Corp. IN74LS161 Datasheet HTML 2Page - Integral Corp. IN74LS161 Datasheet HTML 3Page - Integral Corp. IN74LS161 Datasheet HTML 4Page - Integral Corp. IN74LS161 Datasheet HTML 5Page - Integral Corp. IN74LS161 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74LS161
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIK
Input Clamp Voltage
VCC = min, IIN = -18 mA
-1.5
V
VOH
High Level Output Voltage
VCC = min, IOH = -0.4 mA
2.7
V
VOL
Low Level Output Voltage
VCC = min, IOL = 4 mA
0.4
V
VCC = min, IOL = 8 mA
0.5
IIH
High Level Input Current
VCC = max
Data or enable P
20
µA
VIN =2.7 V
Load, clock or
enable T
40
Reset
20
VCC = max
Data or enable P
0.1
mA
VIN =7.0 V
Load, clock or
enable T
0.2
Reset
0.1
IIL
Low Level Input Current
VCC = max
Data or enable P
-0.4
mA
VIN =0.4 V
Load, clock or
enable T
Reset
-0.8
IO
Output Short Circuit Current
VCC = max, VO = 0 V
(Note 1)
-20
-100
mA
ICC
Supply
Current
All outputs high
VCC = max (Note 2)
31
mA
All outputs low
VCC = max (Note 3)
32
Note 1: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 2: ICCH is measured with the load high, then again with the load low, with all other inputs high and all outputs
open.
Note 3: ICCL is measured with the clock input high, then again with the clock input low, with all other inputs low and all
outputs open.
3



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com