Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LS257 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza 74LS257
Descripción Electrónicos  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS257 Datasheet(HTML) 4 Page - ON Semiconductor

  74LS257 Datasheet HTML 1Page - ON Semiconductor 74LS257 Datasheet HTML 2Page - ON Semiconductor 74LS257 Datasheet HTML 3Page - ON Semiconductor 74LS257 Datasheet HTML 4Page - ON Semiconductor 74LS257 Datasheet HTML 5Page - ON Semiconductor 74LS257 Datasheet HTML 6Page - ON Semiconductor 74LS257 Datasheet HTML 7Page - ON Semiconductor 74LS257 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS257B SN74LS258B
http://onsemi.com
4
FUNCTIONAL DESCRIPTION
The LS257B and LS258B are Quad 2-Input Multiplexers
with 3-state outputs. They select four bits of data from two
sources each under control of a Common Data Select Input.
When the Select Input is LOW, the I0 inputs are selected and
when Select is HIGH, the I1 inputs are selected. The data on
the selected inputs appears at the outputs in true
(non-inverted) form for the LS257B and in the inverted form
for the LS258B.
The LS257B and LS258B are the logic implementation of
a 4-pole, 2-position switch where the position of the switch
is determined by the logic levels supplied to the Select Input.
The logic equations for the outputs are shown below:
When the Output Enable Input (E0) is HIGH, the outputs
are forced to a high impedance “off” state. If the outputs are
tied together, all but one device must be in the high
impedance state to avoid high currents that would exceed the
maximum ratings. Designers should ensure that Output
Enable signals to 3-state devices whose outputs are tied
together are designed so there is no overlap.
LS257B
Za = E0 • (I1a • S + I0a • S) Zb = E0 • (I1b • S + I0b • S)
Zc = E0 • (I1c • S + I0c • S) Zd = E0 • (I1d • S + I0d • S)
LS258B
Za = E0 • (I1a • S + I0a • S) Zb = E0 • (I1b • S + I0b • S)
Zc = E0 • (I1c • S + I0c • S) Zd = E0 • (I1d • S + I0d • S)
TRUTH TABLE
OUTPUT
ENABLE
SELECT
INPUT
DATA
INPUTS
OUTPUTS
LS257B
OUTPUTS
LS258B
EO
S
I0
I1
Z
Z
H
X
X
X
(Z)
(Z)
L
H
X
LL
H
L
H
X
HH
L
L
L
L
XL
H
L
L
H
X
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
(Z) = High Impedance (off)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com