| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
D4SL-N2FDG Datasheet(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
D4SL-N2FDG Datasheet(HTML) 13 Page - Omron Electronics LLC |
|
13 / 27 page ![]() D4SL-N / D4SL-NSK10-LK @ 13 Contact Form Indicates conditions where the Key is inserted and the lock is applied. Model Contact (door open/ closed detection and lock monitor) Contact Form Operating pattern Remarks Lock monitor Door open/ closed detection D4SL-N @A@@-@ 1NC/1NO+ 1NC/1NO Only NC contact 11-12 has a certified direct opening mechanism. The terminals 42-11, 34-33, and 64-63 can be used as unlike poles. D4SL-N @B@@-@ 1NC/1NO+2NC Only NC contact 11-12 has a certified direct opening mechanism. The terminals 42-11, 34-33, and 62-61 can be used as unlike poles. D4SL-N @C@@-@ 2NC+1NC/1NO Only NC contact 11-12 and 31- 32 has a certified direct opening mechanism. The terminals 42-11, 32-31, and 64-63 can be used as unlike poles. D4SL-N @D@@-@ 2NC+2NC Only NC contact 11-12 and 31- 32 has a certified direct opening mechanism. The terminals 42-11, 32-31, and 62-61 can be used as unlike poles. D4SL-N @S@@-@ 1NC/1NO+ 1NC/1NO Only NC contact 21-22 has a certified direct opening mechanism. The terminals 42-41, 22-21, 34- 33, and 64-63 can be used as unlike poles. D4SL-N @T@@-@ 1NC/1NO+2NC Only NC contact 21-22 has a certified direct opening mechanism. The terminals 42-41, 22-21, 34- 33, and 62-61 can be used as unlike poles. D4SL-N @U@@-@ 2NC+1NC/1NO Only NC contact 21-22 and 31- 32 has a certified direct opening mechanism. The terminals 42-41, 22-21, 32- 31, and 64-63 can be used as unlike poles. D4SL-N @V@@-@ 2NC+2NC Only NC contact 21-22 and 31- 32 has a certified direct opening mechanism. The terminals 42-41, 22-21, 32- 31, and 62-61 can be used as unlike poles. 42 64 63 41 12 Door open/closed detection Lock monitor 11 34 33 2 8 1 5 7 6 On Stroke 42-11 34-33 64-63 Operation Key Insertion completion position Extraction completion position Lock position 42 62 61 41 12 11 34 33 Door open/closed detection Lock monitor 2 8 1 5 7 6 On Stroke 42-11 34-33 62-61 Operation Key Insertion completion position Extraction completion position Lock position 42 64 63 41 12 11 32 31 Door open/closed detection Lock monitor 2 8 1 5 7 6 On Stroke 42-11 32-31 64-63 Operation Key Insertion completion position Extraction completion position Lock position 42 62 61 41 12 11 31 32 Door open/closed detection Lock monitor 2 8 1 5 7 6 On Stroke 42-11 32-31 62-61 Operation Key Insertion completion position Extraction completion position Lock position 42 64 63 41 34 33 21 22 Door open/closed detection Lock monitor 2 8 3 4 1 5 7 6 On Stroke 42-41 22-21 34-33 64-63 Operation Key Insertion completion position Extraction completion position Lock position 42 62 61 41 34 33 21 22 Door open/closed detection Lock monitor 2 8 3 4 1 5 7 6 On Stroke 42-41 22-21 34-33 62-61 Operation Key Insertion completion position Extraction completion position Lock position 42 64 63 41 32 31 21 22 Door open/closed detection Lock monitor 2 8 3 4 1 5 7 6 On Stroke 42-41 22-21 32-31 64-63 Operation Key Insertion completion position Extraction completion position Lock position 42 62 61 41 32 31 21 22 Door open/closed detection Lock monitor 2 8 3 4 1 5 7 6 On Stroke 42-41 22-21 32-31 62-61 Operation Key Insertion completion position Extraction completion position Lock position |