| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDCU877RTB Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCU877RTB Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 23 page ![]() www.ti.com 6 5 A B C D E F 3 2 1 G H 4 Y2 CK NB NB NB NB NB NB Y1 J K NB Y2 CK AGND AV DD Y3 GND GND GND GND Y6 GND Y7 GND Y7 OS FBIN VDDQ FBIN OE FBOUT V DDQ FBOUT GND Y8 GND NB V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ V DDQ 37 36 35 34 33 11 12 1 2 3 4 5 6 7 8 9 10 30 29 28 27 26 25 24 23 22 21 Y7 Y7 VDDQ FBIN FBIN FBOUT FBOUT VDDQ OE OS VDDQ Y2 Y2 CK CK VDDQ AGND AVDD VDDQ GND 38 32 13 14 15 16 17 18 31 40 39 19 20 GND CDCU877,, CDCU877A 1.8-V PHASE LOCK LOOP CLOCK DRIVER SCAS688D – JUNE 2005 – REVISED JULY 2007 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. MicroStar Junior (ZQL) Package (TOP VIEW) A. NC = No Connection B. NB = No Ball RHA/RTB Package (MLF PAckage (TOP VIEW) 40-pin HP-VFQFP-N (6,0 x 6,0 mm Body Size, 0,5 mm Pitch, M0#220, Variation VJJD-2, E2 = D2 = 2,9 mm ± 0,15 mm) Package Pinouts 2 Submit Documentation Feedback |