| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDCU877ARTB Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDCU877ARTB Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 22-Nov-2020 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples CDCU877ANMKR ACTIVE NFBGA NMK 52 1000 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 CDCU877A CDCU877ANMKT ACTIVE NFBGA NMK 52 250 Green (RoHS & no Sb/Br) SNAGCU Level-3-260C-168 HR -40 to 85 CDCU877A CDCU877ARHAR ACTIVE VQFN RHA 40 2500 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877A CDCU877ARHARG4 ACTIVE VQFN RHA 40 2500 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877A CDCU877ARHAT ACTIVE VQFN RHA 40 250 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877A CDCU877AZQLR ACTIVE BGA MICROSTAR JUNIOR ZQL 52 1000 Green (RoHS & no Sb/Br) SNAGCU Level-2-260C-1 YEAR -40 to 85 CDCU877A CDCU877AZQLT ACTIVE BGA MICROSTAR JUNIOR ZQL 52 250 Green (RoHS & no Sb/Br) SNAGCU Level-2-260C-1 YEAR -40 to 85 CDCU877A CDCU877RHAR ACTIVE VQFN RHA 40 2500 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877 CDCU877RHARG4 ACTIVE VQFN RHA 40 2500 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877 CDCU877RHAT ACTIVE VQFN RHA 40 250 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877 CDCU877RHATG4 ACTIVE VQFN RHA 40 250 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877 CDCU877RTBR ACTIVE VQFN RHA 40 2500 Green (RoHS & no Sb/Br) NIPDAU Level-3-260C-168 HR -40 to 85 CDCU877 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |