| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD78044F Datasheet(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78044F Datasheet(HTML) 13 Page - NEC |
|
13 / 52 page ![]() 13 µPD780232 Data Sheet U13415EJ2V0DS 4. MEMORY SPACE The memory map of the µPD780232 is shown in Figure 4-1. Figure 4-1. Memory Map Reserved Data memory space Program memory space Special function registers (SFR) 256 × 8 bits General-purpose registers 32 × 8 bits Internal buffer RAM 32 × 8 bits Internal ROM Reserved Program area CALLF entry area Program area CALLT table area Vector table area VFD display RAM 112 × 8 bits Reserved Internal high-speed RAM 768 × 8 bits H F F F F H 0 0 F F H F F E F H 0 E E F H F D E F H 0 0 C F H F F B F H 0 7 A F H F 6 A F H 0 0 A F H F F 9 F H 0 E 9 F H F D 9 F H 0 C 9 F H F B 9 F H 0 0 0 4 H F F F 3 H 0 0 0 0 H 0 0 0 0 H F 3 0 0 H 0 4 0 0 H F 7 0 0 H 0 8 0 0 H F F 7 0 H 0 0 8 0 H F F F 0 H 0 0 0 1 H F F F 3 |