Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLG2 Datasheet(PDF) 3 Page - 3M Electronics

No. de pieza PLG2
Descripción Electrónicos  Fire Protection Products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3M [3M Electronics]
Página de inicio  http://www.3m.com
Logo 3M - 3M Electronics

PLG2 Datasheet(HTML) 3 Page - 3M Electronics

  PLG2 Datasheet HTML 1Page - 3M Electronics PLG2 Datasheet HTML 2Page - 3M Electronics PLG2 Datasheet HTML 3Page - 3M Electronics PLG2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M Fire Protection Products
3M™ Fire Barrier Block B258
3M™ Fire Barrier Plank PK39
3M™ Fire Barrier Plug PLG2 and PLG4 
Page 3 of 4
 
Installation Techniques,
cont.
Plugs
1. Install Fire Barrier Plug within the opening flush with top surface of floor or
both sides of wall.
2. To fit smaller openings, Plugs may be compressed to size, or a wedge may
be cut from Plug to reduce size.
3. Plugs may be cut to fit around cable penetrants
4. Holes may be cut/punched through Plugs to route cables directly through.
5. Fill all voids and interstices of cables with Fire Barrier Rated Foam FIP
1-Step, full depth of the Plug.
Limitations: Additional firestop may be necessary for non-metallic penetrants.
Consult individual UL systems for firestop requirements.
Maintenance
Inspection: Installations should be inspected periodically for subsequent
damage. Damaged blocks, plugs, or planks shall be replaced.
Retrofit: Penetrants may be added or replaced by simply removing and
replacing blocks, planks, or plugs and foam as required.
Storage
The Fire Barrier Block B258, Fire Barrier Plank PK39 and Fire Barrier Plug
PLG2 and PLG4 must be stored in a dry warehouse environment.
  



Html Pages

1 2 3 4