Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

4712 Datasheet(PDF) 2 Page - 3M Electronics

No. de pieza 4712
Descripción Electrónicos  3M??Vinyl Tape 4712 (Linered)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  3M [3M Electronics]
Página de inicio  http://www.3m.com
Logo 3M - 3M Electronics

4712 Datasheet(HTML) 2 Page - 3M Electronics

  4712 Datasheet HTML 1Page - 3M Electronics 4712 Datasheet HTML 2Page - 3M Electronics 4712 Datasheet HTML 3Page - 3M Electronics 4712 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Vinyl Tape 4712 (Linered)
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Backing Color
Yellow, white, red, black, brown, green,
orange, purple, blue
Total Tape Thickness
0.14 mm
5.2 mil
ASTM D3652
Backing Thickness
0.1 mm
4.1 mil
ASTM D3652
Adhesive
Rubber
Liner Thickness
0.6 mm
2.5 mil
ASTM D3652
Low Leachable Halogen and Sulfur
Passes
MIL-STD-2041D(SH)
Typical Performance Characteristics
Property
Values
Method
Dwell/Cure
Time
Substrate
Notes
180° Peel
Adhesion
2.5 N/cm
23 oz/in
ASTM D3330
Initial
Stainless Steel
12 in/min (300 mm/min)
Tensile
Strength
24.5 N/cm
224 oz/in
ASTM D3759
Elongation at
Break
130 %
ASTM D3759
Temperature
Use Range
4 to 77 °C
40 to 170 °F
Available Sizes
Property
Values
Standard Roll Length
33 m
36 yd



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com