| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AP596 Datasheet(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
AP596 Datasheet(HTML) 2 Page - 3M Electronics |
|
2 / 6 page ![]() 3M ™ Adhesion Promoter/Primer • Adhesion Promoter AP596 • All Purpose Primer P591 • Metal Primer P592 - 2 - Performance Data The following table shows the impact in terms of adhesion strength of bonding common window substrates with and without 3M™ Adhesion Promoter AP596 / 3M™ Primer. 3M™ Polyurethane Glass Adhesive Sealant 590 was used for this test unless noted. Note: The following data represents the overlap shear results of a 17 mil bond line. All substrates were abraded and solvent wiped prior to bonding, then cured for 30 days. Actual values will vary, as the final bond strengths are dependent upon many variables such as substrate type, substrate uniformity, and environmental conditions. The following data should be considered representative or typical only and should not be used for specification purposes. Overlap Shear Data None P591 P592 AP596 Acrylic X Adhesive 107/0.7 Acrylic X Substrate 474/3.3 Acrylic X Adhesive 36/.3 Polycarbonate X Adhesive 167/1.2 Polycarbonate X Substrate 1065/7.3 Polycarbonate X Mixed 767/5.3 Glass X Adhesive 361/2.5 Glass X Substrate 332/2.3 Glass X Substrate 455/3.1 Aluminum X Adhesive 72/.5 Aluminum X Mixed 136/.9 Aluminum X Adhesive 86/.6 Cold Rolled Steel X Adhesive 56/.4 Cold Rolled Steel X Mixed 179/1.2 Cold Rolled Steel X Adhesive 112/.8 Cold Rolled Steel w/3M 540 X Adhesive 84/.5 Cold Rolled Steel w/3M 540 X Cohesive 107/.7 Stainless Steel X Adhesive 100/.7 Stainless Steel X Cohesive 340/2.3 Stainless Steel X Adhesive 128/.9 Stainless Steel w/3M 540 X Adhesive 96/.6 Stainless Steel w/3M 540 X Cohesive 101/.7 Max load at Failure psi/MPa Substrate Failure Mode Primer |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |