Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SD596 Datasheet(PDF) 2 Page - SHIKUES Electronics

No. de pieza 2SD596
Descripción Electrónicos  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKTECHNOLGY [SHIKUES Electronics]
Página de inicio  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

2SD596 Datasheet(HTML) 2 Page - SHIKUES Electronics

  2SD596 Datasheet HTML 1Page - SHIKUES Electronics 2SD596 Datasheet HTML 2Page - SHIKUES Electronics 2SD596 Datasheet HTML 3Page - SHIKUES Electronics 2SD596 Datasheet HTML 4Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
30
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=1mA,IB=0
B
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=1V,IC=100mA
VCE=1V,IC=700mA
110
50
200
400
Collector-emitter saturation voltage
VCE(sat)
IC=700mA, IB=70mA
B
0.22
0.6
V
Base to Emitter voltage
VBE
VCE=6V,IC=10mA
600
640
700
V
Transition frequency
fT
VCE=6V, IE= -10mA
170
MHz
Output capacitance
Cob
VCB=6V, IE=0,f=10kHz
12
pF
CLASSIFICATION OF hFE(1)
Range
110-180
135-220
170-270
200-320
250-400
Marking
DV1
DV2
DV3
DV4
DV5
2SD596
2 of 4
REV.08



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com