Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT28C010E-12DM Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza AT28C010E-12DM
Descripción Electrónicos  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010E-12DM Datasheet(HTML) 5 Page - Microchip Technology

  AT28C010E-12DM Datasheet HTML 1Page - Microchip Technology AT28C010E-12DM Datasheet HTML 2Page - Microchip Technology AT28C010E-12DM Datasheet HTML 3Page - Microchip Technology AT28C010E-12DM Datasheet HTML 4Page - Microchip Technology AT28C010E-12DM Datasheet HTML 5Page - Microchip Technology AT28C010E-12DM Datasheet HTML 6Page - Microchip Technology AT28C010E-12DM Datasheet HTML 7Page - Microchip Technology AT28C010E-12DM Datasheet HTML 8Page - Microchip Technology AT28C010E-12DM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
2.
Pin Descriptions
The descriptions of the pins are listed in Table 2-1.
Table 2-1. Pin Function Table
Name
32‑Lead CERDIP
32-Lead CLCC
32-Lead
FLATPACK
30‑Pin PGA
Function
NC
1
1
1
—
No Connect
A16
2
2
2
30
Address
A15
3
3
3
29
Address
A12
4
4
4
2
Address
A7
5
5
5
3
Address
A6
6
6
6
4
Address
A5
7
7
7
5
Address
A4
8
8
8
6
Address
A3
9
9
9
7
Address
A2
10
10
10
8
Address
A1
11
11
11
9
Address
A0
12
12
12
10
Address
I/O0
13
13
13
11
Data Input/Output
I/O1
14
14
14
12
Data Input/Output
I/O2
15
15
15
13
Data Input/Output
GND
16
16
16
14
Ground
I/O3
17
17
17
15
Data Input/Output
I/O4
18
18
18
16
Data Input/Output
I/O5
19
19
19
17
Data Input/Output
I/O6
20
20
20
18
Data Input/Output
I/O7
21
21
21
19
Data Input/Output
CE
22
22
22
20
Chip Enable
A10
23
23
23
21
Address
OE
24
24
24
22
Output Enable
A11
25
25
25
23
Address
A9
26
26
26
24
Address
A8
27
27
27
25
Address
A13
28
28
28
26
Address
A14
29
29
29
1
Address
NC
30
30
30
—
No Connect
WE
31
31
31
27
Write Enable
VCC
32
32
32
28
Device Power
Supply
AT28C010
Pin Descriptions
© 2020 Microchip Technology Inc.
DS20006311A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31