Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MX575ANN Datasheet(PDF) 16 Page - Microchip Technology

No. de pieza MX575ANN
Descripción Electrónicos  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX575ANN Datasheet(HTML) 16 Page - Microchip Technology

Back Button MX575ANN Datasheet HTML 12Page - Microchip Technology MX575ANN Datasheet HTML 13Page - Microchip Technology MX575ANN Datasheet HTML 14Page - Microchip Technology MX575ANN Datasheet HTML 15Page - Microchip Technology MX575ANN Datasheet HTML 16Page - Microchip Technology MX575ANN Datasheet HTML 17Page - Microchip Technology MX575ANN Datasheet HTML 18Page - Microchip Technology MX575ANN Datasheet HTML 19Page - Microchip Technology MX575ANN Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MX55/57
DS20005972A-page 16
 2018 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-1068A Sheet 2 of 2
6-Lead Low Profile Land Grid Array (ANA) - 5.0x3.2 mm Body [LLGA]
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Terminal Pitch
Mold Cap Height
Pitch
Substrate Thickness
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
1.27 BSC
1.10
0.85
0.85
1.26
0.19
0.90
0.90
2.10 BSC
1.33
0.23
3.20 BSC
MILLIMETERS
MIN
NOM
6
0.95
0.95
1.40
0.27
MAX
L1
0.10
0.15
Terminal Pullback
Overall Length
D
5.00 BSC
0.05
1.07
1.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28