Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T60404-N4646-X461 Datasheet(PDF) 1 Page - VACUUMSCHMELZE GmbH & Co. KG

No. de pieza T60404-N4646-X461
Descripción Electrónicos  100 A Current Sensor Module for 5V- Supply Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VACUUMSCHMELZE [VACUUMSCHMELZE GmbH & Co. KG]
Página de inicio  https://vacuumschmelze.de/
Logo VACUUMSCHMELZE - VACUUMSCHMELZE GmbH & Co. KG

T60404-N4646-X461 Datasheet(HTML) 1 Page - VACUUMSCHMELZE GmbH & Co. KG

  T60404-N4646-X461 Datasheet HTML 1Page - VACUUMSCHMELZE GmbH & Co. KG T60404-N4646-X461 Datasheet HTML 2Page - VACUUMSCHMELZE GmbH & Co. KG T60404-N4646-X461 Datasheet HTML 3Page - VACUUMSCHMELZE GmbH & Co. KG T60404-N4646-X461 Datasheet HTML 4Page - VACUUMSCHMELZE GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
V A C U U M S C H M E L Z E
SPECIFICATION
Item no.:
T60404-N4646-X461
K-no.:
24620
100 A Current Sensor Module for 5V- Supply Voltage
Date:
24.04.2017
Customer:
Standard type
Customers Part no.:
Page
1
of
4
Hrsg.:
MC-PD
editor
Bearb:
designer
DJ
MC-PM: ZP
check
freig.: BEF
released
Copying of this document, disclosing it to third parties or using the contents there for any purposes without express written authorization by use illegally forbidden
Any offenders are liable to pay all relevant damages.
For electronic current measurement:
DC, AC, pulsed, mixed ..., with a galvanic
isolation between primary circuit
(short power) and secondary circuit
(electronic circuit)
Description
• Closed loop (compensation)
Current Sensor with magnetic
field probe
• Printed circuit board mounting
• Casing and materials UL-listed
Characteristics
• Excellent accuracy
• Very low offset current
• Very low temperature dependency and offset
current drift
• Very low hysteresis of offset current
• Short response time
• Wide frequency bandwidth
• Compact design
• Reduced offset ripple
Applications
Mainly used for stationary operation in industrial
applications:
AC variable speed drives and servo motor
drives
Static converters for DC motor drives
Battery supplied applications
Switched Mode Power Supplies (SMPS)
Power Supplies for welding applications
Uninterruptible Power Supplies (UPS)
Electrical data – Ratings
IPN
Primary nominal r.m.s. current
100
A
Vout
Output voltage @ IP
VRef ± (0.625*IP/IPN)
V
Vout
Output voltage @ IP=0, TA=25°C
VRef ± 0.0025
V
VRef
External Reference voltage range
0…4
V
Internal Reference voltage
2.5 ±0.005
V
KN
Turns ratio
1…3 : 1100
Accuracy – Dynamic performance data
min.
typ.
max.
Unit
IP,max
Max. measuring range
±200
X
Accuracy @ IPN, TA= 25°C
0.7
%
εL
Linearity
0.1
%
Vout - VRef
Offset voltage @ IP=0, TA= 25°C
±2.5
mV
∆ Vo / VRef / ∆ V
Temperature drift of Vout @ IP=0, TA= -40…85°C
3
10
ppm/°C
tr
Response time @ 90% von IPN
500
ns
∆t (IP,max)
Delay time at di/dt = 100 A/
µs
500
ns
f
Frequency bandwidth
DC…100
kHz
General data
min.
typ.
max.
Unit
TA
Ambient operating temperature
-40
+85
°C
TS
Ambient storage temperature (acc to M3101)
-40
+85
°C
m
Mass
15
g
VC
Supply voltage
4.75
5
5.25
V
IC
Current consumption
16
mA
Constructed and manufactored and tested in accordance with EN 61800-5-1 (Pin 1 - 6 to Pin 7 – 10)
Reinforced insulation, Insulation material group 1, Pollution degree 2
Sclear
Clearance (component without solder pad)
10.2
mm
Screep
Creepage (component without solder pad)
10.2
mm
Vsys
System voltage
overvoltage category 3
600
VRMS
Vwork
Working voltage
(table 7 acc. to EN61800-5-1)
overvoltage category 2
1020
VRMS
UPD
Rated discharge voltage
1400
VP
Max. potential difference acc. to UL 508
RMS
600
V AC
.
Date
Name
Issue
Amendment
24.04.17
DJ
85
Page A2, Mechanical outline changed (3,5 +/- 0,5 deleted) typo. Minor change
02.02.17
DJ
85
Page A1, M-sheet M3101 added (storage temperature) minor change.


Número de pieza similar - T60404-N4646-X461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X460 VACUUMSCHMELZE-T60404-N4646-X460 Datasheet
144Kb / 4P
50 A Current Sensor for 5V- Supply Voltage
More results

Descripción similar - T60404-N4646-X461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X652 VACUUMSCHMELZE-T60404-N4646-X652 Datasheet
95Kb / 4P
15 A Current Sensor Module for 5V- Supply Voltage
T60404-N4646-X460 VACUUMSCHMELZE-T60404-N4646-X460 Datasheet
144Kb / 4P
50 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X160 VACUUMSCHMELZE-T60404-N4646-X160 Datasheet
188Kb / 4P
100 A Current Sensor Module for 5V-Spply Voltage
T60404-N4646-X764 VACUUMSCHMELZE-T60404-N4646-X764 Datasheet
142Kb / 5P
50 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X762 VACUUMSCHMELZE-T60404-N4646-X762 Datasheet
142Kb / 4P
15 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X761 VACUUMSCHMELZE-T60404-N4646-X761 Datasheet
141Kb / 4P
25 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X664 VACUUMSCHMELZE-T60404-N4646-X664 Datasheet
141Kb / 4P
50 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X663 VACUUMSCHMELZE-T60404-N4646-X663 Datasheet
143Kb / 4P
6 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X662 VACUUMSCHMELZE-T60404-N4646-X662 Datasheet
141Kb / 4P
6 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X661 VACUUMSCHMELZE-T60404-N4646-X661 Datasheet
143Kb / 4P
25 A Current Sensor for 5V- Supply Voltage
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com