Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SDA0801P Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No. de pieza SDA0801P
Descripción Electrónicos  UNIDIRECTIONAL TVS DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Página de inicio  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SDA0801P Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SDA0801P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA0801P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA0801P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDA0801P
Features
Applications
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
200
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150
UNIDIRECTIONAL TVS DIODE
200 Watts Peak Pulse Power per Line (tp=8/20µs)
Protects One Unirectional I/O Line
Low clamping voltage
Working voltages : 8V.
Low leakage current
IEC61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Peripherals
Pagers
DFN1006 (1.0x0.6x0.5mm) Package
Molding Compound Flammability Rating : UL 94V-O
Weight 0.5 Millgrams (Approximate)
Quantity Per Reel : 5,000pcs
Reel Size : 7 inch
Lead Finish : Lead Free
Rev :
www.leiditech.com
01.06.2015
1/3


Número de pieza similar - SDA0801P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA0811CDN LEIDITECH-SDA0811CDN Datasheet
154Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA08CP10 LEIDITECH-SDA08CP10 Datasheet
350Kb / 3P
LOW CAPACITANCE TVS DIODE ARRAY
logo
ITT Industries
SDA08H0B ITT-SDA08H0B Datasheet
251Kb / 3P
Low Profile DIP Switches
logo
C&K Components
SDA08H0B CK-COMPONENTS-SDA08H0B Datasheet
208Kb / 3P
Low Profile DIP Switches
More results

Descripción similar - SDA0801P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com