Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SDA1511DN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No. de pieza SDA1511DN
Descripción Electrónicos  UNI-DIRECTIONAL TVS DIOD E
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Página de inicio  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SDA1511DN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SDA1511DN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA1511DN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA1511DN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA1511DN Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDA1511DN
UNI-DIRECTIONAL TVS DIODE
Features
Ultra low leakage: nA level
Operating voltage: 15V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 14A (8/20μs)
RoHS Compliant
Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:10,000pcs
Reel Size:7 inch
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
350
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
± 30
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTJ
-55 to +150
Rev :
www.leiditech.com
01.06.2018
1/4
Package: DFN1006


Número de pieza similar - SDA1511DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
SDA1511CBP LEIDITECH-SDA1511CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1511CDN LEIDITECH-SDA1511CDN Datasheet
214Kb / 3P
BIDIRECTIONAL TVS DIODE
More results

Descripción similar - SDA1511DN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
DS31594 Rev. 4 - 2
SD05-7 DIODES-SD05-7 Datasheet
181Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
Rev erse
logo
SeCoS Halbleitertechnol...
SD24-C SECOS-SD24-C Datasheet
123Kb / 2P
TVS Protection (Uni-Directional)
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
SDA1501DN LEIDITECH-SDA1501DN Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIOD E
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
logo
Diodes Incorporated
D14V0H1U2LP DIODES-D14V0H1U2LP Datasheet
294Kb / 5P
14V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
D18V0H1U2LP DIODES-D18V0H1U2LP Datasheet
294Kb / 5P
18V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP DIODES-D24V0H1U2LP Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com