Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMBJ22C Datasheet(PDF) 5 Page - First Silicon Co., Ltd

No. de pieza SMBJ22C
Descripción Electrónicos  Transient Voltage Suppressor Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FS [First Silicon Co., Ltd]
Página de inicio  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SMBJ22C Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  SMBJ22C Datasheet HTML 1Page - First Silicon Co., Ltd SMBJ22C Datasheet HTML 2Page - First Silicon Co., Ltd SMBJ22C Datasheet HTML 3Page - First Silicon Co., Ltd SMBJ22C Datasheet HTML 4Page - First Silicon Co., Ltd SMBJ22C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2011. 9. 14
5/5
Revision No : 0
A
C
0
4
4
u
r
h
t
0
.
5
J
B
M
S
Characteristics(Typical)
0
4.0
0
t ms
FIG3: Pulse Waveform
150
50
100
3.0
2.0
1.0
TJ=25
Pulse Width(td) is defined as
the Point where the Peak
Current Decays to 50% of IPPM
10/1000¦Ìs Waveform as
Defined by R.E.A.
tr=10¦Ìs
Peak Value
IPPM
Half Value - IPP
2
IPPM
td
0
10
100
10
Number of Cycles
FIG5: Maximum Non-Repetitive Surge Current
200
Characteristics(Typical)
0
4.0
0
t ms
3
FIG3: Pulse Waveform
150
50
100
3.0
2.0
1.0
TJ=25
Pulse Width(td) is defined as
the Point where the Peak
Current Decays to 50% of IPPM
10/1000¦Ìs Waveform as
Defined by R.E.A.
tr=10¦Ìs
Peak Value
IPPM
Half Value - IPP
2
IPPM
td
0
10
100
10
Number of Cycles
5
FIG5: Maximum Non-Repetitive Surge Current
200
50
100
TJ=TJMax.
8.3
8.3ms Single Half Sine-Wave
0.001
0.01
0.1
1
10
1000
0.1
tp(s)
4
FIG4:Typical Transient Thermal Impedance
100
1
100
10
0.1¦Ìs
1¦Ìs
10¦Ìs
100¦Ìs
1.0ms
10ms
0.1
td(¦Ìs)
1
FIG1:Peak Pulse Power Rating Curve
1.0
100
10
3
Non-Repetitive Pulse
Waveform shown in Fige.3
TA
=
25
0.2×0.2"(5.0×5.0mm)
Copper Pad Areas
0
200
0
TJ
2
FIG2: Pulse Power or Current vs. Initial Junction Temperature
100
50
25
75
175
150
125
100
75
50
25
50
100
TJ=TJMax.
8.3ms Single Half Sine-Wave
0.001
0.01
0.1
1
10
1000
0.1
tp(s)
FIG4:Typical Transient Thermal Impedance
100
1
100
10
0.1¦Ìs
1¦Ìs
10¦Ìs
100¦Ìs
1.0ms
10ms
0.1
td(¦Ìs)
FIG1:Peak Pulse Power Rating Curve
1.0
100
10
Non-Repetitive Pulse
Waveform shown in Fige.3
TA=25
0.2×0.2"(5.0×5.0mm)
Copper Pad Areas
0
200
0
TJ
FIG2: Pulse Power or Current vs. Initial Junction Temperature
100
50
25
75
175
150
125
100
75
50
25



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com