Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M032EB0AE Datasheet(PDF) 28 Page - Nuvoton Technology Corporation

No. de pieza M032EB0AE
Descripción Electrónicos  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032EB0AE Datasheet(HTML) 28 Page - Nuvoton Technology Corporation

Back Button M032EB0AE Datasheet HTML 24Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 25Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 26Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 27Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 28Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 29Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 30Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 31Page - Nuvoton Technology Corporation M032EB0AE Datasheet HTML 32Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 28 of 288
Rev 2.02
3.2.6
M032 USB Series (M032Lx)
Part Number
M032
LC2AE
LD2AE
LE3AE
LG6AE
LG8AE
Flash (KB)
32
64
128
256
256
SRAM (KB)
8
8
16
32
64
LDROM (KB)
2
2
4
4
4
SPROM (Bytes)
512
512
512
2048
2048
System Frequency (MHz)
48
48
48
72
72
PLL (MHz)
-
-
96
144
144
I/O
38
32-bit Timer
4
USCI
2
2
1
2
2
UART
1
1
3
6
6
SPI/I
2S
1
QSPI
1
1
-
1
1
I²C/SMBus
-
-
2/0
2/1
2/1
USB FS
√
PWM
-
-
12
12
12
BPWM
12
12
-
12
12
PDMA
5
5
5
7
7
EBI
-
-
√
√
√
CRC
-
-
√
√
√
HDIV
√
IEC-60730
-
-
-
√
√
HXT
-
-
√
√
√
LXT
-
-
√
√
√
RTC
-
-
-
√
√
Analog Comparator
-
-
2
2
2
12-bit SAR ADC
12
Package
LQFP48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com