Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HT48CA6 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

No. de pieza HT48CA6
Descripción Electrónicos  8-Bit Remote Type Low Voltage Mask MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOLTEK [Holtek Semiconductor Inc]
Página de inicio  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA6 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48CA6 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA6 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
¾
400
¾
4000
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up timer Period
¾
Power-up or wake-up
from HALT
¾
1024
¾
tSYS
Note: tSYS=1/fSYS
HT48CA6
Rev. 1.10
4
July 26, 2002
Functional Description
Execution flow
The HT48CA6 system clock can be derived from a crys-
tal/ceramic resonator oscillator. It is internally divided
into four non-overlapping clocks. One instruction cycle
consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute within 1 cycle. If an instruction
changes the program counter, two cycles are required to
complete the instruction.
Program counter
- PC
The 10-bit program counter (PC) controls the sequence
in which the instructions stored in program ROM are ex-
ecuted and its contents specify a maximum of 1024 ad-
dresses.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by 1. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading PCL register, subroutine call, initial re-
set or return from subroutine, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instruction. Once the
condition is met, the next instruction, fetched during the
current instruction execution, is discarded and a dummy
cycle replaces it to get the proper instruction. Otherwise
proceed with the next instruction.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
. e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
. e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
. e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
I n s t r u c t i o n C y c l e
P C
Execution flow
Mode
Program Counter
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial reset
000000000
0
Skip
PC+2
Loading PCL
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, call branch
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from subroutine
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program counter
Note: *9~*0: Program counter bits
S9~S0: Stack register bits
#9~#0: Instruction code bits
@7~@0: PCL bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com