Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI74STX1G79 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

No. de pieza PI74STX1G79
Descripción Electrónicos  SOTiny Gate STX Single Positive-Edge-Triggered D-Type Flip-Flop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX1G79 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74STX1G79 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX1G79 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX1G79 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX1G79 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX1G79 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8569A
01/31/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX1G79
SOTiny™ Gate STX Single Positive
Edge-TriggeredD-TypeFlip-Flop
DC Electrical Characteristics (Over supply voltage and operating temperature ranges, unless otherwise specified)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
PV C
C
)
V
(s
n
o
it
i
d
n
o
C
TA
C
°
5
2
+
=TA
C
°
5
8
+
o
t
0
4
–
=
s
ti
n
U
.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M
V H
I
l
e
v
e
L
H
G
I
H
e
g
a
tl
o
V
t
u
p
n
I
5
9
.
1
-
5
6
.
1
5
.
5
-
3
.
2
V
5
7
.
0
C
C
V
0
7
.
0
C
C
V
5
7
.
0
C
C
V
0
7
.
0
C
C
V
V L
I
l
e
v
e
L
W
O
L
e
g
a
tl
o
V
t
u
p
n
I
5
9
.
1
-
5
6
.
1
5
.
5
-
3
.
2
V
5
2
.
0
C
C
V
0
3
.
0
C
C
V
5
2
.
0
C
C
V
0
3
.
0
C
C
V H
O
l
e
v
e
L
H
G
I
H
e
g
a
tl
o
V
t
u
p
t
u
O
5
6
.
1
8
.
1
3
.
2
0
.
3
5
.
4
V N
I
V
= L
I
I H
O
A
µ
0
0
1
–
=5
5
.
1
7
.
1
2
.
2
.
2
4
.
4
5
6
.
1
9
7
.
1
9
2
.
2
9
9
.
2
5
.
4
5
5
.
1
9
.
1
4
.
2
3
.
2
4
.
4
5
6
.
1
3
.
2
0
.
3
0
.
3
5
.
4
I H
O
A
m
4
–
=
I H
O
A
m
8
–
=
I H
O
A
m
6
1
–
=
I H
O
A
m
4
2
–
=
I H
O
A
m
2
3
–
=
9
2
.
1
9
.
1
4
.
2
3
.
2
8
.
3
2
5
.
1
3
1
.
2
1
7
.
2
5
5
.
2
0
2
.
4
9
2
.
1
9
.
1
4
.
2
3
.
2
8
.
3
V L
O
l
e
v
e
L
W
O
L
e
g
a
tl
o
V
t
u
p
t
u
O
5
6
.
1
8
.
1
3
.
2
0
.
3
5
.
4
V N
I
V
= H
I
I L
O
A
µ
0
0
1
=1
0
.
0
1
0
.
0
1
0
.
0
0
0
.
0
0
0
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
1
.
0
5
6
.
1
3
.
2
0
.
3
0
.
3
5
.
4
I L
O
A
m
4
=
I L
O
A
m
8
=
I L
O
A
m
6
1
=
I L
O
A
m
4
2
=
I L
O
A
m
2
3
=
8
0
.
0
0
1
.
0
8
1
.
0
8
2
.
0
8
2
.
0
4
2
.
0
3
.
0
4
.
0
5
5
.
0
5
5
.
0
4
2
.
0
3
.
0
4
.
0
5
5
.
0
5
5
.
0
I N
I
e
g
a
k
a
e
L
t
u
p
n
I
t
n
e
rr
u
C
5
.
5
-
0V N
I
D
N
G
,
V
5
.
5
=1
–1
1
–1
A
µ
I F
F
O
ff
O
r
e
w
o
P
t
n
e
rr
u
C
e
g
a
k
a
e
L
0
.
0V N
I
V
r
o
T
U
O
V
5
.
5
=1
–1
1
–1
I C
C
y
l
p
p
u
S
t
n
e
c
s
ei
u
Q
t
n
e
rr
u
C
5
.
5
-
5
6
.
1V N
I
D
N
G
,
V
5
.
5
=0
.
20
2
SupplyVoltage(VCC) .......................................... –0.5Vto+6V
DC Input Voltage (VIN) ....................................... –0.5Vto+6V
DC Output Voltage (VOUT) ................................. –0.5Vto+6V
DC Input Diode Current (IIK) ........................ –50mAto20mA
DC Output Diode Current (IOK) .................... –50mAto20mA
DC Output Current (IOUT)........................................... ±50mA
AbsoluteMaximumRatings
Note:
Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet
specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and
output/input loading variables. Pericom does not recommend operation outside datasheet specifications.
DCVCC/GNDCurrent (ICC/IGND) ................................ ±50mA
Storage Temperature (TSTG) ..........................–65°Cto+150°C
Junction Lead Temperature (IOS) ................................... 200°C
Power Dissipation SOT23 ............................................ 200mW
SC70 ............................................... 150mW



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com