| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MEXM Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MEXM Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: MEXM MEXM SPECIFICATIONS ES-4610 Rev.2 Page 4/4 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 5 6 4 2 7 8 + − 3 Base Socket OPEN CLOSE CAPACITOR MOTOR Control Circuit 1 10 11 9 Close Open M FEEDBACK POTENTIOMETER Open Close U (+) V (−) POWER DA HOST Modbus RS485 DRIVER SSR SSR DB SLD Voltage Reference Amplifier ROTARY SW DIP SW Modbus LED Note: Notice that making motor wiring with limit switch, every time the switch operates, can be causing stress on SSR. Tx+/Rx− Tx−/Rx+ EXPLANATIONS OF TERMS •SSR (Solid State Relay) Composed only of semiconductor parts, SSR is free from arc discharge or chattering which is typical with electromagnetic relays. It features excellent characteristics against vibration, physical impact or other environmental conditions. •Zero-Cross Function SSR with zero-cross function turns on when AC power voltage is near zero, creating delay of switching when input is provided in the middle of an wave cycle, thus limiting transient switching noise voltage and rush current. Specifications are subject to change without notice. |