| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX88852 Datasheet(PDF) 25 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88852 Datasheet(HTML) 25 Page - ASIX Electronics Corporation |
|
25 / 39 page ![]() AX88850 PRELIMINARY ASIX ELECTRONICS CORPORATION 25 3.11.2 LED Status Driver wave-form for AX88852 P0 J0 A0 C4 C0 P4 J4 A4 RID0 CC0 no useful phase LED_SYN LED[0] P1 J1 A1 U4 C1 P5 J5 A5 RID1 CC1 no useful phase LED[1] P2 J2 A2 A8 C2 P6 J6 A6 RID2 CC2 no useful phase LED[2] P3 J3 A3 A9 C3 P7 J7 A7 "0" CC3 no useful phase LED[3] J8 U0 RID4 UU0 no useful phase LED[4] J9 U1 UU1 no useful phase LED[5] P8 U2 CC4 UU2 no useful phase LED[6] P9 U3 UU4 UU3 no useful phase LED[7] P0 J0 A0 C4 P1 J1 A1 U4 P2 J2 A2 A8 P3 J3 A3 A9 J8 J9 P8 P9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 ~ D15 D0 D1 D2 D3 UU1 3.11.3 LED Status Driver wave-form for AX88853 P0 J0 L0/ A0 C4 C0 RID0 CC0 no useful phase LED_SYN LED[0] P1 J1 L1/ A1 U4 C1 RID1 CC1 no useful phase LED[1] P2 J2 L2/ A2 A8 C2 RID2 CC2 no useful phase LED[2] P3 J3 L3/ A3 A9 C3 "0" CC3 no useful phase LED[3] P4 J4 L4/ A4 J8 U0 RID4 UU0 no useful phase LED[4] P5 J5 L5/ A5 J9 U1 UU1 no useful phase LED[5] P6 J6 L6/ A6 P8 U2 CC4 UU2 no useful phase LED[6] P7 J7 L7/ A7 P9 U3 UU4 UU3 no useful phase LED[7] P0 J0 L0/ A0 C4 P1 J1 L1/ A1 U4 P2 J2 L2/ A2 A8 P3 J3 L3/ A3 A9 P4 J4 L4/ A4 J8 P5 J5 L5/ A5 J9 P6 J6 L6/ A6 P8 P7 J7 L7/ A7 P9 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 ~ D15 D0 D1 D2 D3 UU1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |